Electronic Components Datasheet Search
  English  ▼

X  

SHM-14/883 Datasheet(PDF) 2 Page - DATEL, Inc.

Part # SHM-14/883
Description  14-Bit Linear Sample-Hold Amplifi er
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATEL [DATEL, Inc.]
Direct Link  http://www.datel.com/
Logo DATEL - DATEL, Inc.

SHM-14/883 Datasheet(HTML) 2 Page - DATEL, Inc.

  SHM-14/883 Datasheet HTML 1Page - DATEL, Inc. SHM-14/883 Datasheet HTML 2Page - DATEL, Inc. SHM-14/883 Datasheet HTML 3Page - DATEL, Inc. SHM-14/883 Datasheet HTML 4Page - DATEL, Inc. SHM-14/883 Datasheet HTML 5Page - DATEL, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
INPUTS
MIN.
TYP.
MAX.
UNITS
Input Voltage Range
–2
—
+2
Volts
Input Impedance (internal termination)
300
400
Ω
Digitals Inputs
Digital Input Voltage Range
–5
—
+5
Volts
Differential Signal Amplitude
–200
—
—
mV
Input Bias Current
–150
–5
+50
μA
OUTPUTS
Output Voltage Range
–2
—
+2
Volts
Output Current
±30
—
—
mA
Output Impedance (dc)
—
0.3
1
Ω
PERFORMANCE
Nonlinearity (±1V)
+25°C
—
±0.0012
—
%
0°C to +70°C
—
—
±0.002
%
–55 to +125°C
—
—
±0.003
%
Sample Mode Offset
+25°C
—
±1
—
mV
0°C to +70°C
—
—
±5
mV
–55 to +125°C
—
—
±10
mV
Pedestal
+25°C
—
±3
—
mV
0°C to +70°C
—
—
±40
mV
–55 to +125°C
—
—
±40
mV
Gain
Gain Drift (±1V), +25°C
—
+1.00
—
V/V
0°C to +70°C
+0.998
—
+1.002
V/V
–55 to +125°C
+0.996
—
+1.004
V/V
Aperture Delay
0°C to +70°C
—
2
—
ns
–55 to +125°C
—
2
—
ns
Aperture Jitter
0°C to +70°C
—
1
—
ps rms
–55 to +125°C
—
1
—
ps rms
Harmonic Distortion (±1V)
dc to 1MHz
—
–77
—
dB
dc to 10MHz
+25°C
—
–65
—
dB
0°C to +70°C
—
—
–58
dB
–55 to +125°C
—
—
–55
dB
Acquisition Time (±0.012%, ±2V)
0°C to +70°C
—
25
—
ns
–55 to +125°C
—
35
—
ns
Acquisition Time (±0.024%, ±2V)
0°C to +70°C
—
20
35
ns
ABSOLUTE MAXIMUM RATINGS
PARAMETERS
LIMITS
UNITS
+5V Supply
0 to +6
Volts
–5V Supply
0 to –6
Volts
Analog Input
+5V Supply –1
Volts
–5V Supply +1
Volts
Continuous Output Current
±50
mA
Digital Inputs
<Supply Voltages
Volts
Junction Temperature
+175
°C
Lead Temperature (10 seconds)
+300
°C
Output shorted to any supply will cause permanent damage.
FUNCTIONAL SPECIFICATIONS
(Apply over the 0°C to +70°C operating temperature range and ±5V nominal supplies, unless
specified.)
–55 to +125°C
—
25
40
ns
PERFORMANCE (CONT.)
MIN.
TYP.
MAX.
UNITS
Acquisition Time (±0.05%, ±2V)
0°C to +70°C
—
19
30
ns
–55 to +125°C
—
20
35
ns
Acquisition Time (±0.1%, ±2V)
0°C to +70°C
—
10
16
ns
–55 to +125°C
—
10
19
ns
Hold Mode Settling (±0.012%)
0°C to +70°C
—
12
—
ns
–55 to +125°C
—
15
—
ns
Hold Mode Settling (±0.024%)
0°C to +70°C
—
7
18
ns
–55 to +125°C
—
7
18
ns
Hold Mode Settling (±0.05%)
0°C to +70°C
—
6
16
ns
–55 to +125°C
—
6
16
ns
Hold Mode Settling (±0.1%)
0°C to +70°C
—
5
12
ns
–55 to +125°C
—
5
12
ns
Slew Rate
±500
±600
—
V/μs
Full Power Bandwidth (±1V)
45
60
—
MHz
Small Signal Bandwidth
50
65
—
MHz
Output Noise, Hold Mode
—
65
—
μVrms
Feedthrough (2V Step)
—
–80
—
dB
Droop Rate
+25°C
—
±2
±6
mV/μs
0°C to +70°C
—
±2
±10
mV/μs
–55 to +125°C
—
±2
±15
mV/μs
POWER SUPPLY REQUIREMENTS
Power Supply Range
+5V Supply
+4.5
+5
+5.5
Volts
–5V Supply
–5.5
–5
–4.5
Volts
Power Supply Current (no load)
+5V Supply
0°C to +70°C
—
+30
+50
mA
–55 to +125°C
—
+30
+55
mA
–5V Supply
0°C to +70°C
—
–25
–35
mA
–55 to +125°C
—
–25
–40
mA
Power Dissipation
0°C to +70°C
—
275
425
mW
–55 to +125°C
—
275
475
mW
Power Supply Rejection Ratio
40
60
—
dB
ENVIRONMENTAL
Operating Temp. Range, case
SHM-14LC
0
—
+70
°C
SHM-14LM
–55
—
+125
°C
Storage Temperature Range
–65
—
+150
°C
Package Type
SHM-14LC
CLCC
SHM-14LM
CLCC
DATEL, Inc. 11 Cabot Boulevard, Mansfield, MA 02048-1151 USA • Tel: (508) 339-3000 • www.datel.com • e-mail: help@datel.com
SHM-14
14-Bit Linear Sample-Hold Amplifier
MDA_SHM-14.A04 Page 2 of 5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com