Electronic Components Datasheet Search
  English  ▼

X  

SHM-43MC Datasheet(PDF) 4 Page - DATEL, Inc.

Part # SHM-43MC
Description  High-Speed, 0.01% Hybrid Sample/Hold
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATEL [DATEL, Inc.]
Direct Link  http://www.datel.com/
Logo DATEL - DATEL, Inc.

SHM-43MC Datasheet(HTML) 4 Page - DATEL, Inc.

  SHM-43MC Datasheet HTML 1Page - DATEL, Inc. SHM-43MC Datasheet HTML 2Page - DATEL, Inc. SHM-43MC Datasheet HTML 3Page - DATEL, Inc. SHM-43MC Datasheet HTML 4Page - DATEL, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
ORDERING GUIDE SUMMARY
Model Number
Temperature Range
RoHS
SHM-43MC
0 to +70 °C
No
SHM-43MC-C
0 to +70 °C
Yes*
SHM-43MM
-55 to +125 °C
No
*Does not claim EU RoHS exemption 7b – lead in solder.
Contact DATEL for availability of MlL-STD-883 versions.
MECHANICAL DIMENSIONS
INPUT/OUTPUT CONNECTIONS
Pin
Function
Pin
Function
1
Input
8
S/H Out
2
Ref Bypass
9
+5 Bypass
3
Power Gnd
10
-5 Bypass
4
Digital +5V
11
Analog Ground
5
S/H or S/H
12
+15V Power
6
S/H Control
13
-15V Power
7
Digital Ground
14
Analog +5V
Tolerances unless otherwise specified:
2 PL DEC ±O.02
3 PL DEC ±0.002
±(O.50)
±(O.05)
Dimensions in inches (mm)
0.010
(0.254)
0.010
(0.254)
0.010
(0.254)
0.018
(0.46)
0.040
(1.02)
0.20
(5.10)
0.79
(20.01)
0.49
(12.45)
0.025
(0.64)
PIN 1 INDEX
SHM-43
0.300
(7.62)
0.16
(4.06)
© 2015 DATEL, Inc.
DATEL, Inc. makes no representation that the use of its products in the circuits described herein, or the use of other technical information
contained herein, will not infringe upon existing or future patent rights. The descriptions contained herein do not imply the granting of
licenses to make, use, or sell equipment constructed in accordance therewith. Specifications are subject to change without notice.
www.datel.com • e-mail: help@datel.com
DATEL is a registered trademark of DATEL, Inc.
11 Cabot Boulevard, Mansfield, MA 02048-1151 USA
ITAR and ISO 9001/14001 REGISTERED
SHM-43
High-Speed, 0.01% Hybrid Sample/Hold
06 Oct 2015 MDA_SHM-43.B04 Page 4 of 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com