Electronic Components Datasheet Search
  English  ▼

X  

0830618 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0830618
Description  Label for rough plastic surfaces - EML-HA (70X32)R SR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0830618 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0830618 Datasheet HTML 1Page - PHOENIX CONTACT 0830618 Datasheet HTML 2Page - PHOENIX CONTACT 0830618 Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
https://www.phoenixcontact.com/us/produkte/0830618
10.05.2013   Page 1 / 3
Label for rough plastic surfaces - EML-HA (70X32)R SR - 0830618
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://download.phoenixcontact.com)
Label for rough plastic surfaces, Roll, silver, Unlabeled, Can be labeled with: Thermomark R, Thermomark X,
Thermomark S, Mounting type: Adhesive, Lettering field: 70 x 32 mm
The figure shows a version of the
article
Key commercial data
Packing unit
1 PCE
GTIN
Custom tariff number
39199000
Country of origin
GERMANY
Technical data
General
Length (b)
70 mm
Width (a)
32 mm
Color
silver
Wipe resistance
DIN EN 61010-1 (VDE 0411-1)
Ambient temperature (operation)
-40 °C ... 150 °C
Ambient temperature (assembly)
5 °C
Components
free from silicone and halogen
Material
Polyester
Number of individual labels
1000
Number of individual labels per row
1
RoHS compliant
Yes
Adhesive
Acrylic
Printability
Thermal transfer
Device
5146477 THERMOMARK ROLL
Device
5146723 THERMOMARK ROLL X1


Similar Part No. - 0830618

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0830610 PHOENIX-0830610 Datasheet
50Kb / 3P
Label for rough plastic surfaces - EML-HA (85X32)R
0830611 PHOENIX-0830611 Datasheet
51Kb / 3P
Label for rough plastic surfaces - EML-HA (15X9)R SR
0830612 PHOENIX-0830612 Datasheet
61Kb / 3P
Label for rough surfaces - EML-HA (19X6)R SR
0830613 PHOENIX-0830613 Datasheet
51Kb / 3P
Label for rough plastic surfaces - EML-HA (20X20)R SR
0830614 PHOENIX-0830614 Datasheet
51Kb / 3P
Label for rough plastic surfaces - EML-HA (26,5X12)R SR
More results

Similar Description - 0830618

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0830607 PHOENIX-0830607 Datasheet
50Kb / 3P
Label for rough plastic surfaces - EML-HA (70X32)R
0830611 PHOENIX-0830611 Datasheet
51Kb / 3P
Label for rough plastic surfaces - EML-HA (15X9)R SR
0830613 PHOENIX-0830613 Datasheet
51Kb / 3P
Label for rough plastic surfaces - EML-HA (20X20)R SR
0830615 PHOENIX-0830615 Datasheet
51Kb / 3P
Label for rough plastic surfaces - EML-HA (40X8)R SR
0830616 PHOENIX-0830616 Datasheet
50Kb / 3P
Label for rough plastic surfaces - EML-HA (40X15)R SR
0830617 PHOENIX-0830617 Datasheet
50Kb / 3P
Label for rough plastic surfaces - EML-HA (60X30)R SR
0830619 PHOENIX-0830619 Datasheet
51Kb / 3P
Label for rough plastic surfaces - EML-HA (70X150)R SR
0830620 PHOENIX-0830620 Datasheet
51Kb / 3P
Label for rough plastic surfaces - EML-HA (76X51)R SR
0830733 PHOENIX-0830733 Datasheet
50Kb / 3P
Label for rough plastic surfaces - EML-HA (51X25)R SR
0830734 PHOENIX-0830734 Datasheet
50Kb / 3P
Label for rough plastic surfaces - EML-HA (70X50)R SR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com