Electronic Components Datasheet Search
  English  ▼

X  

0830652 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0830652
Description  High-temperature label - EML-HT (15X6)RL-T
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0830652 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0830652 Datasheet HTML 1Page - PHOENIX CONTACT 0830652 Datasheet HTML 2Page - PHOENIX CONTACT 0830652 Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
https://www.phoenixcontact.com/us/produkte/0830652
10.05.2013   Page 1 / 3
High-temperature label - EML-HT (15X6)RL-T - 0830652
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://download.phoenixcontact.com)
High-temperature label, large roll, for thermal transfer printers, resistant for 60 s at up to 300°C
The figure shows a version of the
article
Key commercial data
Packing unit
1 PCE
GTIN
Custom tariff number
39199000
Country of origin
GERMANY
Technical data
General
Length (b)
15 mm
Width (a)
6 mm
Color
white
Wipe resistance
DIN EN 61010-1 (VDE 0411-1)
Ambient temperature (operation)
-40 °C ... 180 °C
Ambient temperature (assembly)
min. 4 °C
Short-term temperature
398 °C (260°C for 5 minutes)
Components
free from silicone and halogen
Material
Polyimide
Number of individual labels
10000
Number of individual labels per row
1
RoHS compliant
Yes
Halogen-free
Yes
Silicone-free
Yes
Cadmium-free
Yes


Similar Part No. - 0830652

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0830650 PHOENIX-0830650 Datasheet
50Kb / 3P
High-temperature label - EML-HT (35X6,5)R
0830651 PHOENIX-0830651 Datasheet
50Kb / 3P
High-temperature label - EML-HT (8X8)RL-T
0830653 PHOENIX-0830653 Datasheet
50Kb / 3P
High-temperature label - EML-HT (15X15)RL-T
0830654 PHOENIX-0830654 Datasheet
50Kb / 3P
High-temperature label - EML-HT (20X7)RL-T
0830655 PHOENIX-0830655 Datasheet
50Kb / 3P
High-temperature label - EML-HT (24X4)RL-T
More results

Similar Description - 0830652

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0830644 PHOENIX-0830644 Datasheet
51Kb / 3P
High-temperature label - EML-HT (15X6)R
0830651 PHOENIX-0830651 Datasheet
50Kb / 3P
High-temperature label - EML-HT (8X8)RL-T
0830653 PHOENIX-0830653 Datasheet
50Kb / 3P
High-temperature label - EML-HT (15X15)RL-T
0830654 PHOENIX-0830654 Datasheet
50Kb / 3P
High-temperature label - EML-HT (20X7)RL-T
0830655 PHOENIX-0830655 Datasheet
50Kb / 3P
High-temperature label - EML-HT (24X4)RL-T
0830656 PHOENIX-0830656 Datasheet
50Kb / 3P
High-temperature label - EML-HT (25X8)RL-T
0830658 PHOENIX-0830658 Datasheet
50Kb / 3P
High-temperature label - EML-HT (32X10)RL-T
0830660 PHOENIX-0830660 Datasheet
50Kb / 3P
High-temperature label - EML-HT (40X15)RL-T
0830661 PHOENIX-0830661 Datasheet
50Kb / 3P
High-temperature label - EML-HT (45X5)RL-T
0830662 PHOENIX-0830662 Datasheet
50Kb / 3P
High-temperature label - EML-HT (50X10)RL-T
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com