Electronic Components Datasheet Search
  English  ▼

X  

FF1AS Datasheet(PDF) 1 Page - Bytesonic Electronics Co., Ltd.

Part # FF1AS
Description  GPP SURFACE MOUNT FAST RECOVERY RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BYTESONIC [Bytesonic Electronics Co., Ltd.]
Direct Link  http://www.bytesonic.com/en/index.php
Logo BYTESONIC - Bytesonic Electronics Co., Ltd.

FF1AS Datasheet(HTML) 1 Page - Bytesonic Electronics Co., Ltd.

  FF1AS Datasheet HTML 1Page - Bytesonic Electronics Co., Ltd. FF1AS Datasheet HTML 2Page - Bytesonic Electronics Co., Ltd. FF1AS Datasheet HTML 3Page - Bytesonic Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FF1AS
FF1AS~FF1MS
o
GPP SURFACE MOUNT FAST RECOVERY RECTIFIER
VOLTAGE 50 to 1000 Volts CURRENT 1.0 Amperes
FEATURES
SOD-123FL
Unit:inch(mm)
• For surface mounted applications
• Low profile package
• Ideal for automated placement
• High temperature soldering : 260°C /10 seconds at terminals
• Glass Passivated Chip Junction
MECHANICALDATA
Case:SOD-123FL,Molded Plastic over passivated junction
• Terminals: Solderable per MIL-STD-750, Method 2026
• Approx. Weight: 0.0092 gram
* Lead Free Finish/RoHS Compliant
0.116(2.95)
0.100(2.55)
0.152(3.85)
0.140(3.55)
0.047(1.20)
0.035(0.90)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified.
PA R A M E TE R
SYMBOL
FF1BS FF1DS FF1GS FF1JS
FF1KS FF1MS UNITS
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
Volts
Maximum RMS Voltage
VRMS
3 5
70
140
280
420
560
700
Volts
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
Volts
Maximum Average Forward Rectified Current at TA = 55℃
IO
1.0
Amps
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC Method)
IFSM
30
Amps
Maximum Forward Voltage at 1.0A DC
VF
1.30
Volts
@TA = 25℃
5.0
Maximum DC Reverse Current at
Rated DC Blocking Voltage
@TA = 125℃
IR
150
uAmps
Maximum Reverse Recovery Time (Note 3)
trr
150
250
500
nSec
Maximum Thermal Resistance (Note 2)
R
θ J A
30
℃/W
Typical Junction Capacitance (Note 1)
CJ
15
pF
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
℃
ELECTRICAL CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified.
PA R A M E TE R
S YMB OL
FF1 AS
FF1BS
FF1DS
FF1GS
FF1JS
FF1KS
FF1MS
UN ITS
Typ i c a l the r ma l re s i s ta nc e (N o te 2 )
R
θ J A
6 5
℃ / W
Op e r a ti ng a nd S to r a g e Te mp e ra tur e
Ra ng e
T
J , T S T G
-5 0 TO + 1 5 0
℃
NOTES: 1.Pulse test: 300u pulse width, 1% duty cycle.
2.Soldering land: 6mm x 6mm
http://www.bytesonic.com.tw
Version 1.5
2019/6/18
directives
In compliance with RoHS 2011/65/EU
.....................................................
F1A
F1B
F1D
F1G
F1J
F1K
F1M
MARKING CODE
F1
F2
F3
F4
F5
F6
F7


Similar Part No. - FF1AS

ManufacturerPart #DatasheetDescription
logo
Yea Shin Technology Co....
FF1AS YEASHIN-FF1AS Datasheet
734Kb / 5P
GPP SURFACE MOUNT FAST RECOVERY RECTIFIER
More results

Similar Description - FF1AS

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
RS1A PANJIT-RS1A_05 Datasheet
41Kb / 2P
SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
MIC GROUP RECTIFIERS
RS3A MIC-RS3A Datasheet
66Kb / 2P
SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
Pan Jit International I...
RS1AF PANJIT-RS1AF Datasheet
268Kb / 4P
SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
Shenzhen Taychipst Elec...
FFM101 TAYCHIPST-FFM101 Datasheet
3Mb / 2P
SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
Shenzhen Luguang Electr...
GF1AS LUGUANG-GF1AS Datasheet
355Kb / 2P
GPP SURFACE MOUNT RECTIFIER
logo
Sangdest Microelectroni...
FR3A-K SMC-FR3A-K Datasheet
172Kb / 4P
SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
List of Unclassifed Man...
FR1AF ETC2-FR1AF Datasheet
575Kb / 2P
SURFACE MOUNT FAST RECOVERY RECTIFIER
FR3AF ETC2-FR3AF Datasheet
580Kb / 2P
SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
Yea Shin Technology Co....
FF1AS YEASHIN-FF1AS Datasheet
734Kb / 5P
GPP SURFACE MOUNT FAST RECOVERY RECTIFIER
GF1AS YEASHIN-GF1AS Datasheet
231Kb / 2P
GPP SURFACE MOUNT RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com