Electronic Components Datasheet Search
  English  ▼

X  

GF1AS Datasheet(PDF) 1 Page - Bytesonic Electronics Co., Ltd.

Part # GF1AS
Description  1.0 AMP SILICON RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BYTESONIC [Bytesonic Electronics Co., Ltd.]
Direct Link  http://www.bytesonic.com/en/index.php
Logo BYTESONIC - Bytesonic Electronics Co., Ltd.

GF1AS Datasheet(HTML) 1 Page - Bytesonic Electronics Co., Ltd.

  GF1AS Datasheet HTML 1Page - Bytesonic Electronics Co., Ltd. GF1AS Datasheet HTML 2Page - Bytesonic Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1.0 AMP SILICON RECTIFIERS
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25 C ambient temperature uniess otherwies specified.
Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
TYPE NUMBER
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
.375"(9.5mm) Lead Length at Ta=75 C
FEATURES
MECHANICAL DATA
Peak Forward Surge Current, 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Maximum Instantaneous Forward Voltage at 1.0A
Maximum DC Reverse Current
Ta=25 C
at Rated DC Blocking Voltage
Ta=100 C
Typical Junction Capacitance (Note 1)
Operating and Storage Temperature Range Tj, TSTG
GF1AS GF1BS GF1DS GF1GS GF1JS GF1KS
GF1MS UNITS
50
100
200
400
600
800
1000
V
50
100
200
400
600
800
1000
V
35
70
140
280
420
560
700
1.0
30
5.0
50
-65
+1
50
V
A
A
V
uA
uA
pF
C
NOTES:
1. Measured at 1MHz and applied reverse voltage of 4.0V D.C.
2.
Soldering land: 6mm x 6mm
* Low forward voltage drop
* High current capability
* High reliability
* High surge current capability
* Case: Molded plastic
* Epoxy: UL 94V-0 rate flame retardant
* Lead: Axial leads, solderable per MIL-STD-202,
method 208 guranteed
* Polarity: Color band denotes cathode end
* Mounting position: Any
Weight: 0.
0092 grams
GF1AS THRU GF1MS
1.
0
Typical Thermal Resistance RqJA (Note 2)
65
C/W
*
VOLTAGE RANGE
50 to 1000 Volts
CURRENT
1.0 Ampere
Dimensions in inches and (millimeters)
o
MARKING CODE
S1A
S1B
S1D
S1G
S1J
S1K
S1M
A1
A2
A3
A4
A5
A6
A7
Lead Free Finish/RoHS Compliant
*
http://www.bytesonic.com.tw
Version 1.6
2019/06/18
SOD-123F
L
12
High temperature soldering : 260°C /10 seconds at
terminals
*
0.116 (2.95)
0.100 (2.55)
0.152 (3.85)
0.140 (3.55)
0.047 (1.20)
0.035 (0.90)


Similar Part No. - GF1AS

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
GF1AS LUGUANG-GF1AS Datasheet
355Kb / 2P
GPP SURFACE MOUNT RECTIFIER
logo
Yea Shin Technology Co....
GF1AS YEASHIN-GF1AS Datasheet
231Kb / 2P
GPP SURFACE MOUNT RECTIFIER
More results

Similar Description - GF1AS

ManufacturerPart #DatasheetDescription
logo
Bytes
1A1 BYTES-1A1 Datasheet
150Kb / 2P
1.0 AMP SILICON RECTIFIERS
BY127M BYTES-BY127M Datasheet
151Kb / 2P
1.0 AMP SILICON RECTIFIERS
logo
Taiwan Semiconductor Co...
1N4001 TSC-1N4001_1 Datasheet
236Kb / 2P
1.0 AMP. Silicon Rectifiers
logo
UNIOHM CORPORATION
1N4001 UNIOHM-1N4001 Datasheet
65Kb / 2P
1.0 AMP SILICON RECTIFIERS
logo
Daya Electric Group Co....
1N4001 DAYA-1N4001 Datasheet
264Kb / 2P
1.0 AMP. Silicon Rectifiers
logo
Taiwan Semiconductor Co...
1N4001S TSC-1N4001S_10 Datasheet
519Kb / 2P
1.0 AMP. Silicon Rectifiers
logo
List of Unclassifed Man...
204-1N400X ETC2-204-1N400X Datasheet
64Kb / 2P
1.0 AMP SILICON RECTIFIERS
logo
SeCoS Halbleitertechnol...
1A1 SECOS-1A1_15 Datasheet
744Kb / 2P
1.0 AMP Silicon Rectifiers
logo
Nanjing International G...
EM513 DGNJDZ-EM513 Datasheet
236Kb / 2P
1.0 AMP SILICON RECTIFIERS
EM516 DGNJDZ-EM516 Datasheet
236Kb / 2P
1.0 AMP SILICON RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com