Electronic Components Datasheet Search
  English  ▼

X  

ADF7901 Datasheet(PDF) 3 Page - Analog Devices

Part # ADF7901
Description  High Performance ISM Band ASK/FSK Transmitter IC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF7901 Datasheet(HTML) 3 Page - Analog Devices

  ADF7901 Datasheet HTML 1Page - Analog Devices ADF7901 Datasheet HTML 2Page - Analog Devices ADF7901 Datasheet HTML 3Page - Analog Devices ADF7901 Datasheet HTML 4Page - Analog Devices ADF7901 Datasheet HTML 5Page - Analog Devices ADF7901 Datasheet HTML 6Page - Analog Devices ADF7901 Datasheet HTML 7Page - Analog Devices ADF7901 Datasheet HTML 8Page - Analog Devices ADF7901 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Preliminary Technical Data
ADF7901
Rev. PrD | Page 3 of 12
SPECIFICATIONS
VDD =3.0 V; GND = 0 V; TA = TMIN to TMAX unless otherwise noted. Typical specifications TA = 25°C.
Table 1.
Parameter1
Min
Typ
Max
Unit
RF CHARACTERISTICS
Output Frequency Ranges
Channel 1
369.5
MHz
Channel 2
371.1
MHz
Channel 3
375.3
MHz
Channel 4
376.9
MHz
Channel 5
384.0
MHz
Channel 6
388.3
MHz
Channel 7
391.5
MHz
Channel 8
394.3
MHz
Channel 9
395.9
MHz
Phase Frequency Detector Frequency
9.8304
MHz
TRANSMISSION PARAMETERS
Transmit Rate
FSK
2
kbps
OOK
2.5
kbps
Frequency Shift Keying
FSK Separation2
−34.8
kHz, Data = 1
+34.8
kHz, Data = 0
On/Off Keying
Modulation Depth3
83
dB, Output Power = 12 dBm
Output Power
Min/Max Range4
15
dB
fOUT ≤ 384 MHz
10
12
dBm
fOUT > 384 MHz
7
10.5
dBm
Occupied 20 dB BW
OOK at 1 kbits/s
±28
±461.9
kHz
FSK (PA Off/On) at10 Hz5
±26
±461.9
kHz
LOGIC INPUTS
VINH, Input High Voltage
2.124
V
VINL, Input Low Voltage
0.2 × VDD
V
IINH/IINL, Input Current
±1
µA
CIN, Input Capacitance
10
pF
POWER SUPPLIES
Voltage Supply
DVDD
3.0
V
Transmit Current Consumption
369.5–376.9 MHz at +12 dBm
26
mA
384 MHz at +12 dBm
26
mA
388.3–395.9 MHz at +10.5 dBm
21
mA
384 MHz at +5 dBm
17
mA
Power-Down Mode
Low Power Sleep Mode6
0.2
1
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com