Electronic Components Datasheet Search
  English  ▼

X  

EVJC50 Datasheet(PDF) 5 Page - Panasonic Semiconductor

Part # EVJC50
Description  12mm Square Two-in-One Potentiometers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EVJC50 Datasheet(HTML) 5 Page - Panasonic Semiconductor

  EVJC50 Datasheet HTML 1Page - Panasonic Semiconductor EVJC50 Datasheet HTML 2Page - Panasonic Semiconductor EVJC50 Datasheet HTML 3Page - Panasonic Semiconductor EVJC50 Datasheet HTML 4Page - Panasonic Semiconductor EVJC50 Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Rotary Potentiometers/EVJC/EVJY
Nominal Total Resistance
5 k9 to 500 k9 (Tolerance ±20 %)
Taper
A, B, C, D, G, BH
Power Rating
Voltage Rating
E=ÃPáR but E < 50 Vac
E=Voltage Rating (V)
P=Power Rating (W)
R=Nominal Total Resistance (9)
Residual Resistance
Maximum Attenuation
(for volume control, taper A, B, D)
Tracking
For volume control within
3 dB at Ð40 to 0 dB
For Tone control within
3 dB at midpoint
Insulation Resistance
100 M9 min. at 250 Vdc
Dielectric Withstanding Voltage
300 Vac for 1 minute
Noise Level
47 mV max.
Apply 20 Vdc (When Voltage Rating < 20 V, use the rated voltage.)
Rotate shaft at 30 r/min.
n Major Specifications
1. Mechanical Specifications
Applications
12 mm square Two-in-One
Rotation Angle
300 û±5 û
Rotation Torque
2 mNám to 20 mNám
Shaft Stopper Strength
0.5 Nám min.
Shaft Pull/Push Strength
80 N min
.
Shaft Inclination
0.35 mm max.
(Measured at the top of the shaft)
Bushing-Nut Tightening Torque
1 Nám max.
2. Electrical Specifications
0.05 W (0 ûC to 50 ûC)
For potentiometers operated in ambient
temperatures above 50 ûC, Rating
shall be derated in accordance with
the figure at right.
Nominal total resistance Max. Attenuation
Insertion loss
5k9 < R< 10 k9
Ð65 dB max.
10 k9 < R< 50 k9
Ð72 dB max.
0.1 dB max.
50 k9 < R < 100 k9
Ð82 dB max.
100 k9 < R
Ð92 dB max.
3. Endurance
Rotation Life
15000 cycles min.
For general purpose (tone)
For volume control
A, B, D, G B, C, G
A, D
C
A, B, D A, B, D
C
C
1 to 2
2 to 3
2 to 3
1 to 2
1 to 2
2 to 3
1 to 2
2 to 3
5k9 <R < 50 k9
25 9 max.
25 9 max.
15 9 max.
25 9 max.
20 9 max.
50 k9 <R < 250 k9
25 9 max.
50 9 max.
15 9 max.
50 9 max.
20 9 max.
250 k9 <R < 500 k9
100 9 max.
100 9 max.
50 9 max.
100 9 max.
50 9 max.
Type
Nominal
Total
Resistance
Taper &
Terminal
Note: No direct current should be applied.
4. Minimum Quantity/Packing Unit
Minimum Quantity/
Packing Unit
Quantity/Carton
EVJC/EVJY
EVJC/EVJY
80 pcs. (Tray Pack)
60 pcs. (Tray Pack)
800 pcs.
600 pcs.
L>20.0 mm
L<20.0 mm
L>20.0 mm
L<20.0 mm



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com