Electronic Components Datasheet Search
  English  ▼

X  

EVJC56 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # EVJC56
Description  12mm Square Two-in-One Potentiometers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EVJC56 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  EVJC56 Datasheet HTML 1Page - Panasonic Semiconductor EVJC56 Datasheet HTML 2Page - Panasonic Semiconductor EVJC56 Datasheet HTML 3Page - Panasonic Semiconductor EVJC56 Datasheet HTML 4Page - Panasonic Semiconductor EVJC56 Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Rotary Potentiometers/EVJC/EVJY
for Volume: EVJC25
for Tone : EVJC55(without detent)
l Horizontal, with Sleeve ................................................................................................................. EVJC56
(with detent)
No. 3
Japan
±
±
±
±
±
±
±
±
±
±
for Volume: EVJY00
for Tone : EVJY80 (without detent)
l Vertical, without Bushing .............................................................................................................. EVJY81
(with detent)
No. 4
Japan
±
±
±
±
±
±
n Dimensions in mm (not to scale)
l Horizontal, without Bushing .......................................................................................................
No. 1
Japan
±
±
±
±
±
±
±
±
±
for Volume: EVJC20
for Tone : EVJC50(without detent)
l Horizontal, with Bushing .............................................................................................................. EVJC51
(with detent)
No. 2
Japan
±
±
±
±
±
±
±
±
±
±
: EVJC00
: EVJC30
EVJC31
(without detent)
(with detent)
for Volume
for Tone



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com