Electronic Components Datasheet Search
  English  ▼

X  

FS6282 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # FS6282
Description  DUAL PLL CLOCK GENERATOR IC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

FS6282 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  FS6282 Datasheet HTML 1Page - List of Unclassifed Manufacturers FS6282 Datasheet HTML 2Page - List of Unclassifed Manufacturers FS6282 Datasheet HTML 3Page - List of Unclassifed Manufacturers FS6282 Datasheet HTML 4Page - List of Unclassifed Manufacturers FS6282 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
AMERICAN MICROSYSTEMS, INC.
October 1999
This document contains information on a preproduction product. Specifications and information herein are subject to change without notice.
10.1.99
FS6282
FS6282
FS6282
FS6282
Dual PLL Clock Generator IC
Dual PLL Clock Generator IC
Dual PLL Clock Generator IC
Dual PLL Clock Generator IC
ISO9001
ISO9001
ISO9001
ISO9001
1.0
Features
•
Dual phase-locked loop (PLL) device with three out-
put clock frequencies
•
3.3V supply voltage
•
Small circuit board footprint (8-pin 0.150
″ SOIC)
•
Custom frequency selections available - contact your
local AMI Sales Representative for more information
Figure 1: Pin Configuration
1
8
2
3
4
7
6
5
CLKA
VSS
XIN
XOUT
VDD
CLKC
CLKB
OE
8-pin (0.150
″) SOIC
2.0
Description
The FS6282 is a monolithic CMOS clock generator IC
designed to minimize cost and component count in digital
video/audio systems.
Two high-resolution phase-locked loops generate two
output clocks (CLKA and CLKB) through an array of post-
dividers. All frequencies are ratiometrically derived from
the crystal oscillator frequency. The locking of all the out-
put frequencies together can eliminate unpredictable ar-
tifacts in video systems and reduce electromagnetic in-
terference (EMI) due to frequency harmonic stacking.
Table 1: Crystal / Output Frequencies
DEVICE
fXIN (MHz) CLKA (MHz) CLKB (MHz) CLKC (MHz)
FS6282-03
20.000
20.000
48.000
8.000
NOTE: Contact AMI for custom PLL frequencies
Figure 2: Block Diagram
CRYSTAL
OSC.
FS6282
XOUT
XIN
CLKC
CLKA
DIVIDER
ARRAY
PLL
PLL
CLKB
OE


Similar Part No. - FS6282

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FS6284 ETC2-FS6284 Datasheet
58Kb / 4P
Dual PLL Clock Generator IC
FS6284-01 ETC2-FS6284-01 Datasheet
58Kb / 4P
Dual PLL Clock Generator IC
More results

Similar Description - FS6282

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC9100 MOTOROLA-MPC9100 Datasheet
111Kb / 8P
DUAL PLL CLOCK GENERATOR
logo
List of Unclassifed Man...
FS6322-08 ETC-FS6322-08 Datasheet
62Kb / 7P
THREE PLL CLOCK GENERATOR IC
FS6209 ETC-FS6209 Datasheet
113Kb / 6P
DUAL PLL VCXO CLOCK GENERATOR IC
FS6217-01 ETC-FS6217-01 Datasheet
18Kb / 1P
DUAL PLL CLOCK GENERATOR IC
FS6322-05 ETC1-FS6322-05 Datasheet
59Kb / 7P
Three-PLL Clock Generator IC
FS6322-04 ETC1-FS6322-04 Datasheet
64Kb / 7P
Three-PLL Clock Generator IC
FS6128-01 ETC1-FS6128-01 Datasheet
66Kb / 7P
PLL Clock Generator IC with VCXO
FS6284 ETC2-FS6284 Datasheet
58Kb / 4P
Dual PLL Clock Generator IC
logo
ON Semiconductor
FS6128-04 ONSEMI-FS6128-04 Datasheet
223Kb / 6P
PLL Clock Generator IC with VXCO
May 2008 ??Rev. 2
FS6128-07 ONSEMI-FS6128-07 Datasheet
201Kb / 6P
PLL Clock Generator IC with VXCO
May 2008 ??Rev. 2
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com