Electronic Components Datasheet Search
  English  ▼

X  

TDA2SA Datasheet(PDF) 84 Page - Texas Instruments

Click here to check the latest version.
Part # TDA2SA
Description  TDA2x ADAS Applications Processor 23mm Package (ABC Package) Silicon Revision 2.0
PDF  427 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TDA2SA Datasheet(HTML) 84 Page - Texas Instruments

Back Button TDA2SA Datasheet HTML 80Page - Texas Instruments TDA2SA Datasheet HTML 81Page - Texas Instruments TDA2SA Datasheet HTML 82Page - Texas Instruments TDA2SA Datasheet HTML 83Page - Texas Instruments TDA2SA Datasheet HTML 84Page - Texas Instruments TDA2SA Datasheet HTML 85Page - Texas Instruments TDA2SA Datasheet HTML 86Page - Texas Instruments TDA2SA Datasheet HTML 87Page - Texas Instruments TDA2SA Datasheet HTML 88Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 427 page
background image
Copyright © 2015–2019, Texas Instruments Incorporated
Terminal Configuration and Functions
Submit Documentation Feedback
Product Folder Links: TDA2SX TDA2SG TDA2SA TDA2HG TDA2HV TDA2HF TDA2LF
84
TDA2SX, TDA2SG, TDA2SA
TDA2HG, TDA2HV, TDA2HF, TDA2LF
SPRS951F – DECEMBER 2015 – REVISED MAY 2019
www.ti.com
Table 4-3. Multiplexing Characteristics (continued)
ADDRESS
REGISTER NAME
BALL
NUMBER
MUXMODE FIELD SETTINGS (CTRL_CORE_PAD_*[3:0])
0
1
2
3
4
5
6
7
8
9
10
14
15
0x1464
CTRL_CORE_PAD_
GPMC_A9
R4
gpmc_a9
vin3a_vsync0 vout3_vsync
vin4b_vsync1 timer11
spi4_d1
gpio1_31
Driver off
0x1468
CTRL_CORE_PAD_
GPMC_A10
N9
gpmc_a10
vin3a_de0
vout3_de
vin4b_clk1
timer10
spi4_d0
gpio2_0
Driver off
0x146C
CTRL_CORE_PAD_
GPMC_A11
P9
gpmc_a11
vin3a_fld0
vout3_fld
vin4a_fld0
vin4b_de1
timer9
spi4_cs0
gpio2_1
Driver off
0x1470
CTRL_CORE_PAD_
GPMC_A12
P4
gpmc_a12
vin4a_clk0
gpmc_a0
vin4b_fld1
timer8
spi4_cs1
dma_evt1
gpio2_2
Driver off
0x1474
CTRL_CORE_PAD_
GPMC_A13
R3
gpmc_a13
qspi1_rtclk
vin4a_hsync0
timer7
spi4_cs2
dma_evt2
gpio2_3
Driver off
0x1478
CTRL_CORE_PAD_
GPMC_A14
T2
gpmc_a14
qspi1_d3
vin4a_vsync0
timer6
spi4_cs3
gpio2_4
Driver off
0x147C
CTRL_CORE_PAD_
GPMC_A15
U2
gpmc_a15
qspi1_d2
vin4a_d8
timer5
gpio2_5
Driver off
0x1480
CTRL_CORE_PAD_
GPMC_A16
U1
gpmc_a16
qspi1_d0
vin4a_d9
gpio2_6
Driver off
0x1484
CTRL_CORE_PAD_
GPMC_A17
P3
gpmc_a17
qspi1_d1
vin4a_d10
gpio2_7
Driver off
0x1488
CTRL_CORE_PAD_
GPMC_A18
R2
gpmc_a18
qspi1_sclk
vin4a_d11
gpio2_8
Driver off
0x148C
CTRL_CORE_PAD_
GPMC_A19
K7
gpmc_a19
mmc2_dat4
gpmc_a13
vin4a_d12
vin3b_d0
gpio2_9
Driver off
0x1490
CTRL_CORE_PAD_
GPMC_A20
M7
gpmc_a20
mmc2_dat5
gpmc_a14
vin4a_d13
vin3b_d1
gpio2_10
Driver off
0x1494
CTRL_CORE_PAD_
GPMC_A21
J5
gpmc_a21
mmc2_dat6
gpmc_a15
vin4a_d14
vin3b_d2
gpio2_11
Driver off
0x1498
CTRL_CORE_PAD_
GPMC_A22
K6
gpmc_a22
mmc2_dat7
gpmc_a16
vin4a_d15
vin3b_d3
gpio2_12
Driver off
0x149C
CTRL_CORE_PAD_
GPMC_A23
J7
gpmc_a23
mmc2_clk
gpmc_a17
vin4a_fld0
vin3b_d4
gpio2_13
Driver off
0x14A0
CTRL_CORE_PAD_
GPMC_A24
J4
gpmc_a24
mmc2_dat0
gpmc_a18
vin3b_d5
gpio2_14
Driver off
0x14A4
CTRL_CORE_PAD_
GPMC_A25
J6
gpmc_a25
mmc2_dat1
gpmc_a19
vin3b_d6
gpio2_15
Driver off
0x14A8
CTRL_CORE_PAD_
GPMC_A26
H4
gpmc_a26
mmc2_dat2
gpmc_a20
vin3b_d7
gpio2_16
Driver off
0x14AC
CTRL_CORE_PAD_
GPMC_A27
H5
gpmc_a27
mmc2_dat3
gpmc_a21
vin3b_hsync1
gpio2_17
Driver off
0x14B0
CTRL_CORE_PAD_
GPMC_CS1
H6
gpmc_cs1
mmc2_cmd
gpmc_a22
vin4a_de0
vin3b_vsync1
gpio2_18
Driver off
0x14B4
CTRL_CORE_PAD_
GPMC_CS0
T1
gpmc_cs0
gpio2_19
Driver off
0x14B8
CTRL_CORE_PAD_
GPMC_CS2
P2
gpmc_cs2
qspi1_cs0
gpio2_20
Driver off
0x14BC
CTRL_CORE_PAD_
GPMC_CS3
P1
gpmc_cs3
qspi1_cs1
vin3a_clk0
vout3_clk
gpmc_a1
gpio2_21
Driver off
0x14C0
CTRL_CORE_PAD_
GPMC_CLK
P7
gpmc_clk
gpmc_cs7
clkout1
gpmc_wait1
vin4a_hsync0 vin4a_de0
vin3b_clk1
timer4
i2c3_scl
dma_evt1
gpio2_22
Driver off



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com