Electronic Components Datasheet Search
  English  ▼

X  

AN4989 Datasheet(PDF) 33 Page - STMicroelectronics

Part # AN4989
Description  STM32 microcontroller debug toolbox
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4989 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button AN4989 Datasheet HTML 29Page - STMicroelectronics AN4989 Datasheet HTML 30Page - STMicroelectronics AN4989 Datasheet HTML 31Page - STMicroelectronics AN4989 Datasheet HTML 32Page - STMicroelectronics AN4989 Datasheet HTML 33Page - STMicroelectronics AN4989 Datasheet HTML 34Page - STMicroelectronics AN4989 Datasheet HTML 35Page - STMicroelectronics AN4989 Datasheet HTML 36Page - STMicroelectronics AN4989 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 99 page
background image
DocID030181 Rev 2
33/99
AN4989
Connecting to the board
98
4.2.3
Keil® MDK-ARM µVISION
Can be set through
Options -> Debug -> Settings -> Debug
Figure 20. Connect and Reset option Keil®
Connect: controls the operations that are executed when the µVision debugger connects to
the target device. The drop-down has the following options:
•
Normal just stops the CPU at the currently executed instruction after connecting.
•
with Pre-reset applies a hardware reset (HW RESET) before connecting to the device.
•
under Reset holds the hardware reset (HW RESET) signal active while connecting to
the device. Use this option when the user program disables the JTAG/SW interface by
mistake.
Reset after Connect: performs (if enabled) a reset operation as defined in the Reset drop-
down list (see below) after connecting to the target. When disabled, the debugger just stops
the CPU at the currently executed instruction after connecting the target.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com