Electronic Components Datasheet Search
  English  ▼

X  

MX-850MM Datasheet(PDF) 1 Page - DATEL, Inc.

Part # MX-850MM
Description  Multiplexers
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATEL [DATEL, Inc.]
Direct Link  http://www.datel.com/
Logo DATEL - DATEL, Inc.

MX-850MM Datasheet(HTML) 1 Page - DATEL, Inc.

  MX-850MM Datasheet HTML 1Page - DATEL, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Part Number MX-826MM, Multiplexers
Specifications
Number of Channels
8
Settling Time
300 ns
Acquisition Time
225 ns
Power Consumption
0.395 W
Package Type
DDIP
Input Range 1st (min)
-10 V
Input Range 1st (max)
10 V
Required Supply Voltage 1st
5 V
Required Supply Voltage 3rd
15 V
Required Supply Voltage 4th
-15 V
Analog Bandwidth
8.5 MHz
Operating Temp. Range (min)
-55 ºC
Operating Temp. Range (max)
+125 ºC
RoHS
No
Status
Recommended for new design
8-Channel Precision Analog Multiplexer (MUX), Settling to 0.0003% Accuracy in 400nS. Precision, High
Speed, 8-Channel, Analog Multiplexer, ±10V Input/Output Voltage Range, -55°C to +125°C temperature
range. The MX-826 is a precision, high-speed multiplexer characterized for 10, 12 and 14 Bit applications.
The performance benchmarks are its 225 nanoseconds maximum settling time to ±0.01% accuracy and its
unprecedented specification of accuracy to ±0.003%.
DATEL Innovation & Excellence
DATEL | 120 Forbes Blvd., Suite 125 Mansfield, MA 02048 | Phone: +1-508-964-5131 | www.datel.com
© DATEL is a registered trademark of DATEL, Inc.
9/2/2019 | Page 1 of 1


Similar Part No. - MX-850MM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MX-850MM ETC-MX-850MM Datasheet
83Kb / 4P
Precision, Higher-Speed 4-Channel, Analog Multiplexers
logo
Murata Manufacturing Co...
MX-850MM MURATA-MX-850MM Datasheet
83Kb / 4P
Precision, Higher-Speed 4-Channel, Analog Multiplexers
logo
DATEL, Inc.
MX-850MM DATEL-MX-850MM Datasheet
109Kb / 1P
Multiplexers
MX-850MM DATEL-MX-850MM Datasheet
109Kb / 1P
Multiplexers
MX-850MM DATEL-MX-850MM Datasheet
109Kb / 1P
Multiplexers
More results

Similar Description - MX-850MM

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
TSC350 MICROSEMI-TSC350 Datasheet
732Kb / 4P
Multiplexers
logo
DATEL, Inc.
MX-826MC-C DATEL-MX-826MC-C Datasheet
109Kb / 1P
Multiplexers
MX-826ME-C DATEL-MX-826ME-C Datasheet
109Kb / 1P
Multiplexers
MX-826MM-C DATEL-MX-826MM-C Datasheet
109Kb / 1P
Multiplexers
MX-850MC-C DATEL-MX-850MC-C Datasheet
109Kb / 1P
Multiplexers
MX-850MM DATEL-MX-850MM Datasheet
109Kb / 1P
Multiplexers
MX-850MM-QL DATEL-MX-850MM-QL Datasheet
109Kb / 1P
Multiplexers
MX-826883 DATEL-MX-826883 Datasheet
109Kb / 1P
Multiplexers
MX-826G883 DATEL-MX-826G883 Datasheet
109Kb / 1P
Multiplexers
MX-826MC DATEL-MX-826MC Datasheet
109Kb / 1P
Multiplexers
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com