Electronic Components Datasheet Search
  English  ▼

X  

MX-850MM Datasheet(PDF) 4 Page - DATEL, Inc.

Part # MX-850MM
Description  Precision, High-Speed 4-Channel Analog Multiplexers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATEL [DATEL, Inc.]
Direct Link  http://www.datel.com/
Logo DATEL - DATEL, Inc.

MX-850MM Datasheet(HTML) 4 Page - DATEL, Inc.

  MX-850MM Datasheet HTML 1Page - DATEL, Inc. MX-850MM Datasheet HTML 2Page - DATEL, Inc. MX-850MM Datasheet HTML 3Page - DATEL, Inc. MX-850MM Datasheet HTML 4Page - DATEL, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
© 2015 DATEL, Inc.
DATEL, Inc. makes no representation that the use of its products in the circuits described herein, or the use of other technical information
contained herein, will not infringe upon existing or future patent rights. The descriptions contained herein do not imply the granting of
licenses to make, use, or sell equipment constructed in accordance therewith. Specifications are subject to change without notice.
www.datel.com • e-mail: help@datel.com
DATEL is a registered trademark of DATEL, Inc.
11 Cabot Boulevard, Mansfield, MA 02048-1151 USA
ITAR and ISO 9001/14001 REGISTERED
MDA_MX850.B01 Page 24 of 6
MX-850
Precision, High-Speed 4-Channel Analog Multiplexers
MECHANICAL DIMENSIONS INCHES (mm)
14-PIN DIP
SEATING
PLANE
0.025 ±0.010
(0.635)
0.200 MAX.
(5.080)
0.160 MAX.
(4.064)
0.195 MAX.
(4.953)
0.500 MAX.
(12.70)
0.100 TYP.
(2.540)
0.100
(2.540)
0.300 ±0.010
(7.620)
0.100
(2.540)
0.600 ±0.005
(15.240)
0.805 MAX.
(20.45)
17
8
14
0.018 ±0.002
(0.457)
0.010 ±0.002
(0.254)
Dimension Tolerances (unless otherwise indicated):
2 place decimal (.XX) ±0.010 (±0.254)
3 place decimal (.XXX) ±0.005 (±0.127)
Lead Material: Kovar alloy
Lead Finish: 50 microinches (minimum) gold plating
over 100 microinches (nominal) nickel plating
Figure 6. Cascading Multiple MX-850’s
CHANNEL EXPANSION
The MX-850’s ENABLE input provides a means of channel expansion. As
shown in Figure 6 and in Table 2, multiple multiplexers may be used by
using the ENABLE input as an address line.
MX-850
OUT
A0
A1
EN
IN1
IN2
IN3
IN4
MX-850
OUT
A0
A1
EN
IN1
IN2
IN3
IN4
OUTPUT
(1)
CHANNEL ADDRESS
(3)
(2)
56
7
8
12
3
4
INPUT CHANNELS 1-8
Table 2. 8 Channel Addressing
ON
CHANNEL
MUX ADDRESS
123
1000
2001
3010
4011
5100
6101
7110
8111
4011
Model Number
Operating Temp. Range
RoHS
MX-850MC
0 to +70°C
No
MX-850MM
-55 to +125°C
No
MX-850MM-QL
-55 to +125°C
No
Model Number
Operating Temp. Range
RoHS
MX-850MC-C
0 to +70°C
Yes
MX-850MM-C
-55 to +125°C
Yes
MX-850MM-QL-C -55 to +125°C
Yes
ORDERING INFORMATION



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com