Electronic Components Datasheet Search
  English  ▼

X  

SHM-50GC Datasheet(PDF) 4 Page - DATEL, Inc.

Part # SHM-50GC
Description  Miniature, High-Speed, Complete 짹0.05% Sample Hold Amplifi ers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATEL [DATEL, Inc.]
Direct Link  http://www.datel.com/
Logo DATEL - DATEL, Inc.

SHM-50GC Datasheet(HTML) 4 Page - DATEL, Inc.

  SHM-50GC Datasheet HTML 1Page - DATEL, Inc. SHM-50GC Datasheet HTML 2Page - DATEL, Inc. SHM-50GC Datasheet HTML 3Page - DATEL, Inc. SHM-50GC Datasheet HTML 4Page - DATEL, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
ORDERING INFORMATION
Model Number
Operating Temp. Range
Package
RoHS
SHM-50MC
0 to +70°C
DIP
No
SHM-50ME
-40 to +100°C
DIP
No
SHM-50MM
-55 to +125°C
DIP
No
SHM-50GC
0 to +70°C
SMT
No
SHM-50GE
-40 to +100°C
SMT
No
SHM-50GM
-55 to +125°C
SMT
No
SHM-50MC-C
0 to +70°C
DIP
Yes
SHM-50ME-C
-40 to +100°C
DIP
Yes
SHM-50MM-C
-55 to +125°C
DIP
Yes
SHM-50GC-C
0 to +70°C
SMT
Yes
SHM-50GE-C
-40 to +100°C
SMT
Yes
SHM-50GM-C
-55 to +125°C
SMT
Yes
For availability of high-reliability versions of the SHM-50, contact DATEL.
MECHANICAL DIMENSIONS Inches (mm)
0.300 MAX.
(7.62)
0.405 MAX.
(10.287)
SHM-50
PIN 1
0.035 ±0.010
(0.89)
0.09
(2.23)
Dimension Tolerances
(unless otherwise indicated):
2 place decimal (.XX) ±0.001 (±0.25)
3 place decimal (.XXX) ±0.005 (±0.127)
0.140 MAX.
(3.556)
0.300 ±0.005
(7.620)
0.054
(1.372)
0.100 TYP.
0.018 ±0.002
(0.457)
0.200 MAX.
(5.08)
0.300 ±0.015
(7.620)
0.010 ±0.002
(0.254)
(2.540)
0.300
(7.62)
SHM-50
0.46
(11.68)
0.14
(3.55)
0.05 (1.27)
0.050
(1.27)
0.400
(10.16)
0.300
(7.62)
0.100 TYP.
(2.54)
0.070 TYP.
(1.78)
0.018 (0.097)
DIP Package
SMT Package
ISO 9001
ISO 9001
REGISTERED
© 2015 DATEL, Inc.
DATEL, Inc. makes no representation that the use of its products in the circuits described herein, or the use of other technical information
contained herein, will not infringe upon existing or future patent rights. The descriptions contained herein do not imply the granting of
licenses to make, use, or sell equipment constructed in accordance therewith. Specifications are subject to change without notice.
www.datel.com • e-mail: help@datel.com
DATEL is a registered trademark of DATEL, Inc.
11 Cabot Boulevard, Mansfield, MA 02048-1151 USA
ITAR and ISO 9001/14001 REGISTERED
SHM-50
Miniature, High-Speed, Complete ±0.05% Sample Hold Amplifiers
MDC_SHM-50.B07 Page 4 of 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com