Electronic Components Datasheet Search
  English  ▼

X  

SHM-950 Datasheet(PDF) 2 Page - DATEL, Inc.

Part # SHM-950
Description  Miniature, High-Speed 짹0.001% Sample-Hold Amplifi ers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATEL [DATEL, Inc.]
Direct Link  http://www.datel.com/
Logo DATEL - DATEL, Inc.

SHM-950 Datasheet(HTML) 2 Page - DATEL, Inc.

  SHM-950 Datasheet HTML 1Page - DATEL, Inc. SHM-950 Datasheet HTML 2Page - DATEL, Inc. SHM-950 Datasheet HTML 3Page - DATEL, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Absolute Maximum Ratings
±15V Supply Voltages
±18V
+5V Supply Voltages
–0.5V to +7V
Analog Input
±18V
Digital Input
–0.5V to +5.5V
Output Current
±55 mA
Functional Specifications
(Apply over the operating temperature range with ±15V and +5V supplies
unless otherwise specified.)
POWER REQUIREMENTS
MIN.
TYP.
MAX.
UNITS
Voltage Range
+15V Supply
+11.5
+15.0
+15.5
Volts
–15V Supply
–11.5
–15.0
–15.5
Volts
+5V Supply
+4.75
+5.0
+5.25
Volts
Power Supply Rejection Ratio
—
110
100
dB
Quiescent Current Drain
+15V Analog Supply
—
+7
+9
mA
–15V Supply
—
–7
–9
mA
+5V Supply
—
+1
+1.5
mA
Power Consumption
—
215
280
mW
PHYSICAL/ENVIRONMENTAL
Operating Temp. Range, Case
SHM-950MC
0 to +70°C
SHM-950ME
–
40 to +100°C
Storage Temperature Range
–65 to +150°C
Thermal Impedance
θjc
15°C/W
θca
35°C/W
Package Type
8-pin ceramic DIP
Footnotes:
➀ Full Scale (FS) = 10V. Full Scale Range (FSR) = 20V.
➁ Sample-to-hold offset error (pedestal) is constant regardless of input/output level.
Technical Notes
1.
All ground pins should be tied together and connected to system analog ground
as close to the package as possible. It is recommended to use a ground plane
under the device and solder ground pins directly to it. Take care to ensure that
no ground potentials can exist between ground pins.
2.
External 0.1μF to 4.7μF tantalum bypass capacitors are required in critical
applications.
3.
A logic 1 on S/H puts the unit in the sample mode. A logic 0 puts the unit in hold
mode.
4.
The maximum capacitive load to avoid oscillation is typically 250pF. Recom-
mended resistive load is 500Ω, although values as low as 250Ω may be used.
Acquisition and sample-to-hold settling times are relatively unaffected by
resistive loads down to 250Ω and capacitive loads up to 50pF. Greater load
capacitances will affect both acquisition and settling time.
5.
Gain and offset adjusting can be accomplished using the external circuitry
shown in Figure 2. Adjust offset with a 0V input. Adjust gain with a ±FS input.
Adjust so that the output in the hold mode matches the input.
ORDERING INFORMATION
Model Number
Operating Temperature Range
Package
RoHS
SHM-950MC
0 to +70°C
DIP
No
SHM-950ME
-40 to +100°C
DIP
No
SHM-950GC
0 to +70°C
SMT
No
SHM-950GE
-40 to +100°C
SMT
No
SHM-950MC-C
0 to +70°C
DIP
Yes
SHM-950ME-C
-40 to +100°C
DIP
Yes
SHM-950GC-C
0 to +70°C
SMT
Yes
SHM-950GE-C
-40 to +100°C
SMT
Yes
For availability of high-reliability versions of the SHM-950, contact DATEL.
ANALOG INPUT/OUTPUT
MIN.
TYP.
MAX.
UNITS
Input/Output Voltage Range
±15V Nominal Supply
±10
±11.5
—
Volts
±12V Nominal Supply
±7
±8.5
—
Volts
Input Impedance
1.75
2
—
k
Ω
Output Current
—
—
±40
mA
Output Impedance
—
0.1
—
Ω
Capacitive Load
100
250
—
pF
DIGITAL INPUT
Input Logic Levels
Logic 1
+2.0
—
—
Volts
Logic 0
—
—
+0.8
Volts
Loading
Logic 1
—
—
+5
µA
Logic 0
—
—
–5
µA
TRANSFER CHARACTERISTICS
Gain
—
–1
—
V/V
Gain Error, +25°C
—
±0.05
±0.5
%
Gain Error, -55 to +85°C
—
±0.05
±0.6
%
Sample Mode Offset, +25°C
—
±2
±7
mV
Sample Mode Offset, -55 to +85°C
—
±5
±10
mV
Sample-to-Hold Offset, +25°C
➁
—
±5
±20
mV
Sample-to-Hold Offset, -55 to +85°C
—
±10
±50
mV
Linearity Error
➀
—
±0.001
±0.005
%FS
DYNAMIC CHARACTERISTICS
Acquisition Time
10V to ±0.001%FS (±0.1 mV)
+25°C
—
1000
1500
ns
–55 to +85°C
—
—
1600
ns
10V to ±0.01%FS (±1 mV)
+25°C
—
700
1200
ns
–55 to +85°C
—
—
1400
ns
1V to ±1%FS (±10 mV)
—
350
500
ns
Sample-to-Hold Settling Time
±0.001%FS (±0.1 mV)
—
60
90
ns
±0.1%FS (±10 mV)
—
30
50
ns
Sample-to-Hold Transient
—
50
—
mVp-p
Aperture Delay Time
—
15
20
ns
Aperture Uncertainty (Jitter)
—
±25
±50
ps
Output Slew Rate
±40
70
—
V/µs
Output Droop
+25°C
—
±0.5
±15
µV/µs
0 to +70°C
—
±15
±80
µV/µs
–55 to +85°C
—
±1.2
±2.4
mV/µs
Feedthrough Rejection
—
–84
–74
dB
®®
DATEL
•
11 Cabot Boulevard, Mansfield, MA 02048-1151 USA
•
Tel: (508) 339-3000
•
www.datel.com
•
e-mail: help@datel.com
SHM-950
Miniature, High-Speed ±0.001% Sample-Hold Amplifiers
12 Sep 2012
MDC_SHM-950.B03 Page 2 of 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com