Electronic Components Datasheet Search
  English  ▼

X  

SW31V Datasheet(PDF) 1 Page - ZIEHL industrie-elektronik GmbH + Co KG

Part # SW31V
Description  Voltage Relay for three-phase current also for alternating current networks
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZIEHL [ZIEHL industrie-elektronik GmbH + Co KG]
Direct Link  https://www.ziehl.com
Logo ZIEHL - ZIEHL industrie-elektronik GmbH + Co KG

SW31V Datasheet(HTML) 1 Page - ZIEHL industrie-elektronik GmbH + Co KG

  SW31V Datasheet HTML 1Page - ZIEHL industrie-elektronik GmbH + Co KG  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
71
ZIEHL industrie-elektronik, 74523 Schwäbisch Hall, Germany, +49 791 504-0, info@ziehl.de, www.ziehl.de
Voltage Monitoring Type SW
2
Modern electrical switchgear for
energy generation and distributi-
on, for treatment and processing
machines and for a variety of
otherdrivesareusuallyequipped
with measuring and control-
engineering devices.
However,theuseofsuchdevices
demands that the supplied mains
voltagedeviatesonlyslightlyfrom
the nominal value as otherwise
the required accuracy of the
measurements or the actuating signal is not attained,
or downstream units are destroyed by overvoltage.
SW series voltage monitors from ZIEHL are used to
monitor the mains voltage in direct, alternating and
three-phase current networks for undervoltage and/or
overvoltage. If the nominal voltage deviates by various
values which, depending on the consumer, are not
allowed to be undercut, the involved system needs to
be disconnected, or at least the operator needs to be
optically or acoustically warned.
When the mains voltage is ap-
plied, the integrated relay picks
up if the voltage value preset
for the network to be monitored
is not undercut. If the set limit is
undercut, the relay releases.
Type SW voltage monitors com-
ply with Class III acc. VDE 0435
Part 303, Para. 4.8.2, for static
measuring relays (SMR).
Undervoltage monitors (↓) for
three-phase current networks
with N and alternating voltage
networks.Theswitchingpointlies
atapprox.80%UNom.Hysteresis
isapprox.5%.Thevoltagesofthe
3 phases are measured against
the neutral conductor.
A green LED indicates the unit
is ready for service. During un-
dervoltage (<80%), the relay (2
change-over contacts) releases
and the green LED goes out.
The housing can be snapped
onto 35 mm mounting rails and
is perfectly suited for installation
in distribution cabinets.
Voltage Relay for three-phase current
also for alternating current networks
AC 230 V, +10...-30%, < 5 VA
50/60 Hz
2change-over contacts
Type 2 see "general technical informations"
see "general technical informations"
-20°C...+55°C
approx. 5% UNom
L1/N: ca. 400 ms, L2/L3: ca. 1 s
Design V2: 90x35x58 [mm], mounting height 55 mm
IP 30 / IP 20
Rated Supply Voltage Us
Frequency
Output Relay
Type of contact
Test conditions
Rated ambient temperature
range
Hysteresis
Delay relay, undervoltage at
voltage breakdown
Dimensions H x W x D
Protection housing/terminals
Technical Data
•
•
•
•
•
•
2012-05-30
Features:
Monitoring three-phase current networks 3 AC 400 V
with neutral conductor
Monitoring alternating current networks AC 230 V
(connect inputs L1/2/3)
Monitoring own power supply
Switching point fixed 80 %
Output relay 2 change-over contacts
Panel mounted housing, 35 mm wide
K11
K12
K13
K14
L1
L2
L3
N
READY
ALARM
K1
L1
18 15 16 28 25 26
N
Spannungsrelais
SW31V
L2
L3
SW31V
Part number:
S222281
AC 230 V


Similar Part No. - SW31V

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
SW31 ALPHAWIRE-SW31 Datasheet
387Kb / 3P
RoHS-Compliant Commencing With 10/1/2004 Production
logo
TT Electronics.
SW3100B TTELEC-SW3100B Datasheet
334Kb / 2P
EXTERNAL DESKTOP POWER SUPPLY 5VDC 50WATT
27/09/2023
SW3101F-C2 TTELEC-SW3101F-C2 Datasheet
256Kb / 2P
EXTERNAL DESKTOP POWER SUPPLY 12VDC 60WATT
22/05/2020
SW3101F-WH TTELEC-SW3101F-WH Datasheet
287Kb / 2P
EXTERNAL DESKTOP POWER SUPPLY 12VDC 60WATT
SW3102D TTELEC-SW3102D Datasheet
260Kb / 2P
EXTERNAL DSEKTOP POWER SUPPLY 15VDC 65WATT
01/10/2021
More results

Similar Description - SW31V

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN3168 STMICROELECTRONICS-AN3168 Datasheet
321Kb / 20P
In alternating current applications
09-Mar-2010
logo
PHOENIX CONTACT
EMD-BL-3V-400 PHOENIX-EMD-BL-3V-400 Datasheet
143Kb / 6P
Electronic monitoring relay for voltage monitoring in three-phase networks
EMD-FL-3V-230 PHOENIX-EMD-FL-3V-230 Datasheet
158Kb / 8P
Electronic monitoring relay for voltage monitoring in three-phase networks
EMD-FL-3V-400 PHOENIX-EMD-FL-3V-400 Datasheet
157Kb / 8P
Electronic monitoring relay for voltage monitoring in three-phase networks
EMD-FL-3V-690 PHOENIX-EMD-FL-3V-690 Datasheet
167Kb / 8P
Electronic monitoring relay for voltage monitoring in three-phase networks
EMD-SL-3V-400 PHOENIX-EMD-SL-3V-400 Datasheet
139Kb / 6P
Electronic monitoring relay for voltage monitoring in three-phase networks
2866048 PHOENIX-2866048 Datasheet
152Kb / 8P
Electronic monitoring relay for voltage monitoring of direct and alternating voltages in single-phase networks
2885773 PHOENIX-2885773 Datasheet
153Kb / 8P
Electronic monitoring relay for voltage monitoring in three-phase networks
2903523 PHOENIX-2903523 Datasheet
138Kb / 6P
Electronic monitoring relay for undervoltage monitoring of direct and alternating voltages in single-phase networks
logo
Beijing Yaohuadechang E...
3TA8350-100 YHDC-3TA8350-100 Datasheet
675Kb / 1P
Three-phase current transformer
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com