Electronic Components Datasheet Search
  English  ▼

X  

CSR8670 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # CSR8670
Description  Low-power Solution for DSP Intensive Audio Applications
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

CSR8670 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  CSR8670 Datasheet HTML 1Page - List of Unclassifed Manufacturers CSR8670 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
CSR8670™ BGA
■
Bluetooth® v3.0 specification fully qualified
software
■
Bluetooth v4.0 specification compliant hardware
■
Radio includes integrated balun and RF
performance of 10dBm transmit power and
-90dBm receive sensitivity
■
80MHz RISC MCU and 80MIPS Kalimba DSP
■
16Mb internal flash memory (64-bit wide, 45ns);
optional support for 64Mb of external SPI flash
■
Stereo codec with 2 channels of ADC and up to 6
microphone inputs (includes bias generators and
digital microphone support)
■
Support for latest CVC technology for narrow-
band and wideband voice connections
including wind noise reduction
■
Audio interfaces: I²S, PCM and SPDIF
■
Serial interfaces: UART, USB 2.0 full-speed,
master and slave bit-serialiser (I²C and SPI)
■
Integrated dual switch-mode regulators, linear
regulators and battery charger
■
3 hardware LED controllers (for RGB) and ability
to drive LCD segment display directly
■
Support for up to 6 capacitive touch sensor inputs
■
6.5 x 6.5 x 1mm, 0.5mm pitch 112‑ball VFBGA
■
Green (RoHS compliant and no antimony or
halogenated flame retardants)
Low-power Solution for
DSP Intensive Audio Applications
Production Information
CSR8670
Issue 2
2.4GHz
Radio
+
Balun
I/O
BT_RF
RAM
Baseband
MCU
Kalimba
DSP
Flash
XTAL
Serial Flash
External
Memory
UART/USB
PIO
Audio In /Out
PCM/I2S/
SPDIF
SPI/I2C
LED /PO
Audio
Interface
Capacitive
Sense
Clock
Generation
General Description
CSR8670 consumer audio platform for wired and
wireless applications integrates an ultra-low-power
DSP and application processor with embedded flash
memory, a high-performance
stereo codec, a power management subsystem, LED
and LCD drivers and capacitive touch sensor inputs in
a SOC IC. The dual-core architecture with flash
memory enables manufacturers to easily differentiate
their products with new features without extending
development cycles.
BlueCore5-Multimedia® platform is software-portable
to the CSR8670, with easy migration of a broad range
of solutions from eXtension partners. This migration
enables rapid time-to-market deployment of a broad
range of consumer electronics products.
The enhanced Kalimba DSP coprocessor with
80MIPS supports enhanced audio and DSP
applications.
Applications
Home Entertainment Ecosystem
■
TVs
■
Smart remote controllers
■
Wired or wireless soundbars
■
Wired or wireless speakers and headphones
Tablets / PCs / Mobile Connectivity
■
Wearable audio (on-the-go)
■
Wearable audio with sensors (health and well-
being applications)
■
Wired or wireless stereo headphones for music/
gaming/multimedia content
■
Wired or wireless speakers
■
Wired or wireless speakerphones
■
Mono headsets for voice
The audio codec supports 2 ADC channels, up to 6
microphone inputs, stereo output and a variety of audio
standards.
Production Information
This material is subject to CSR's non-disclosure agreement
© Cambridge Silicon Radio Limited 2011
Page 1 of 116
CS-127997-DSP2
www.csr.com


Similar Part No. - CSR8670

ManufacturerPart #DatasheetDescription
logo
BUDDIES TECHNOLOGY LIMI...
CSR8670 BUDDIES-CSR8670 Datasheet
658Kb / 27P
Bluetooth Module
More results

Similar Description - CSR8670

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7503 STMICROELECTRONICS-TDA7503 Datasheet
182Kb / 26P
DUAL DSP PLUS MICRO FOR AUDIO APPLICATIONS
Jul-1999
logo
ATMEL Corporation
ATSAM3103 ATMEL-ATSAM3103 Datasheet
179Kb / 24P
ATSAM3103 VERSATILE LOW-POWER AUDIO DSP/LOW-COST EFFECTS DSP
logo
Asahi Kasei Microsystem...
AK7719 AKM-AK7719 Datasheet
335Kb / 16P
Low Power DSP for Voice and Audio Processing
AK7719BECB AKM-AK7719BECB Datasheet
826Kb / 20P
Low Power DSP for Voice and Audio Processing
logo
HuaXinAn Electronics CO...
AK4961ECB HUAXINAN-AK4961ECB Datasheet
311Kb / 4P
Low-Power CODEC with Audio/Voice DSP
logo
Asahi Kasei Microsystem...
AK4961ECB AKM-AK4961ECB Datasheet
198Kb / 4P
Low-Power CODEC with Audio/Voice DSP
logo
Cirrus Logic
WM0011 CIRRUS-WM0011 Datasheet
2Mb / 233P
General Purpose Low-Power Audio DSP
logo
Asahi Kasei Microsystem...
AK4962 AKM-AK4962 Datasheet
246Kb / 7P
Low-Power CODEC with Audio/Voice DSP
logo
Cirrus Logic
CS47L15 CIRRUS-CS47L15 Datasheet
4Mb / 279P
Smart Codec with Low-Power Audio DSP
FEB 2019
CS47L63 CIRRUS-CS47L63 Datasheet
6Mb / 300P
Smart Codec with Low-Power Audio DSP
F3 SEP 18
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com