Electronic Components Datasheet Search
  English  ▼

X  

L6919E Datasheet(PDF) 6 Page - STMicroelectronics

Part # L6919E
Description  5 BIT PROGRAMMABLE DUAL-PHASE CONTROLLER WITH DYNAMIC VID MANAGEMENT
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6919E Datasheet(HTML) 6 Page - STMicroelectronics

Back Button L6919E Datasheet HTML 2Page - STMicroelectronics L6919E Datasheet HTML 3Page - STMicroelectronics L6919E Datasheet HTML 4Page - STMicroelectronics L6919E Datasheet HTML 5Page - STMicroelectronics L6919E Datasheet HTML 6Page - STMicroelectronics L6919E Datasheet HTML 7Page - STMicroelectronics L6919E Datasheet HTML 8Page - STMicroelectronics L6919E Datasheet HTML 9Page - STMicroelectronics L6919E Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
L6919E
6/33
PIN FUNCTION
N
Name
Description
1
LGATE1
Channel 1 LS driver output.
A little series resistor helps in reducing device-dissipated power.
2
VCCDR
LS drivers supply: it can be varied from 5V to 12V buses.
Filter locally with at least 1
µF ceramic cap vs. PGND.
3
PHASE1
Channel 1 HS driver return path. It must be connected to the HS1 mosfet source and provides
the return path for the HS driver of channel 1.
4
UGATE1
Channel 1 HS driver output.
A little series resistor helps in reducing device-dissipated power.
5
BOOT1
Channel 1 HS driver supply. This pin supplies the relative high side driver.
Connect through a capacitor (100nF typ.) to the PHASE1 pin and through a diode to VCC
(cathode vs. boot).
6
VCC
Device supply voltage. The operative supply voltage is 12V ±10%.
Filter with 1
µF (Typ.) capacitor vs. GND.
7
GND
All the internal references are referred to this pin. Connect it to the PCB signal ground.
8
COMP
This pin is connected to the error amplifier output and is used to compensate the control
feedback loop.
9
FB
This pin is connected to the error amplifier inverting input and is used to compensate the
voltage control feedback loop.
A current proportional to the sum of the current sensed in both channel is sourced from this pin
(50
µA at full load, 70µA at the Constant Current threshold). Connecting a resistor between this
pin and VSEN pin allows programming the droop effect.
10
VSEN
Manages Over&Under-voltage conditions and the PGOOD signal. It is internally connected with
the output of the Remote Sense Buffer for Remote Sense of the regulated voltage.
If no Remote Sense is implemented, connect it directly to the regulated voltage in order to
manage OVP, UVP and PGOOD.
Connecting 1nF capacitor max vs. SGND can help in reducing noise injection.
11
FBR
Remote sense buffer non-inverting input. It has to be connected to the positive side of the load
to perform a remote sense.
If no remote sense is implemented, connect directly to the output voltage (in this case connect
also the VSEN pin directly to the output regulated voltage).
12
FBG
Remote sense buffer inverting input. It has to be connected to the negative side of the load to
perform a remote sense.
Pull-down to ground if no remote sense is implemented.
13
ISEN1
Channel 1 current sense pin. The output current may be sensed across a sense resistor or
across the low-side mosfet RdsON. This pin has to be connected to the low-side mosfet drain or
to the sense resistor through a resistor Rg.
The net connecting the pin to the sense point must be routed as close as possible to the
PGNDS net in order to couple in common mode any picked-up noise.
14
PGNDS1
Channel 1 Power Ground sense pin. The net connecting the pin to the sense point must be
routed as close as possible to the ISEN1 net in order to couple in common mode any picked-up
noise.
15
PGNDS2
Channel 2 Power Ground sense pin. The net connecting the pin to the sense point must be
routed as close as possible to the ISEN2 net in order to couple in common mode any picked-up
noise.
16
ISEN2
Channel 2 current sense pin. The output current may be sensed across a sense resistor or
across the low-side mosfet RdsON. This pin has to be connected to the low-side mosfet drain or
to the sense resistor through a resistor Rg.
The net connecting the pin to the sense point must be routed as close as possible to the
PGNDS net in order to couple in common mode any picked-up noise.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com