Electronic Components Datasheet Search
  English  ▼

X  

NAS1715C7SWX Datasheet(PDF) 2 Page - UMPCO, Inc.

Part # NAS1715C7SWX
Description  CLAMP, LOOP CUSHIONED
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMPCO [UMPCO, Inc.]
Direct Link  http://www.umpco.com/index.php
Logo UMPCO - UMPCO, Inc.

NAS1715C7SWX Datasheet(HTML) 2 Page - UMPCO, Inc.

  NAS1715C7SWX Datasheet HTML 1Page - UMPCO, Inc. NAS1715C7SWX Datasheet HTML 2Page - UMPCO, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
THIS CATALOG PAGE IS FOR REFERENCE ONLY. REQUEST A
CERTIFIED UMPCO DRAWING FOR ACTUAL SPECIFICATIONS.
ANY CONFLICT BETWEEN THIS DOCUMENT AND THE CERTIFIED
DRAWING, THE CERTIFIED DRAWING WILL TAKE PRECEDENCE.
IF THE DOCUMENT IS CONTROLLED BY ANY OTHER SOURCE
THAN UMPCO, THE CERTIFIED DRAWING MUST BE PURCHASED
THROUGH THAT ORGANIZATION.
UMPCO, INC
CAGE CODE No. 18076
REV
A
07/26/11
NAS1715
CLAMP, LOOP CUSHIONED
PART NUMBER
7100 LAMPSON AVE * PO BOX 5158 * GARDEN GROVE, CA 92846-5158 SALES: (714) 897-3531 * BUS: (714) 897-3536 * FAX: (714) 897-2611
EXAMPLE OF PART NUMBER:
NAS1715 D 7 T W H
NOTES:
/1/
STANDARD SIZE LIMITATIONS:
.125 THRU 1.500 BY .0625 INCREMENTS
1.625 THRU 2.500 BY .125 INCREMENTS
2.750 AND ABOVE BY .250 INCREMENTS
2.
TEMPERATURE RANGE:
CUSHION:
CHLOROPRENE RUBBER
-40°F TO +212°F
SILICONE RUBBER
-80°F TO +450°F (SHORT DURATION EXCURSIONS TO 500°F)
PTFE
-320°F TO +500°F
FABRIC
+554°F
STRAP:
ALUMINUM
-320 °F TO +200 °F
CRES
-320 °F TO +600 °F
/3/
CUSHION THICKNESS:
ALL SIZES FABRIC .062
SIZES THRU –8, RUBBER .045
SIZES –9 THRU –66, RUBBER, .062
PTFE, CODE “K” & “T” (NON-WEDGE) .020 +.008/-.004
PTFE, CODE “KW” & “TW” (WEDGE TYPE) .030 +.011/-.005
/4/
CLAMP SHALL CHECK TO DIMENSIONS WITH ENDS HELD IN POSITION SHOWN BY DIMENSION G.
/5/
WEDGE MAY BE INTEGRALLY MOLDED TO CUSHION OR VULCANIZED TO CUSHION.
6.
METAL STRAP SHALL BE FREE OF BURRS AND SHARP EDGES.
7.
COMPLETE NAS PART NUMBER, AND MANUFACTURER’S IDENTIFICATION SHALL BE MARKED ON EACH CLAMP IN AN AREA NOT
COVERED BY CUSHION OR MOUNTING HARDWARE EXCEPT SIZES –2, -3, AND –4, WHICH SIZES SHALL BE IDENTIFIED BY
STRAP MATERIAL, DASH NUMBER, CUSHION MATERIAL AND MANUFACTURER’S IDENTIFICATION, E.G. D2T XX
8.
DIMENSIONS IN INCHES.
/9/
WEDGE NOT AVAILABLE ON PTFE CUSHION CLAMP, CODE “K” AND “T” ON SIZES 2 THRU 5.
10.
DELETED
11.
DELETED
/12/
STIFFENER BEAD CONSTRUCTION ON CLAMP SIZES 5 AND ABOVE
13.
DELETED
/14/
CUSHION TYPES “A” AND “M” ARE INACTIVE FOR DESIGN AFTER MARCH 31, 1994. SUPERSEDED BY TYPE “Z”. FOR
DESCRIPTION OF STATUS NOTES SEE NAS380.
/15/
WEDGE NOT AVAILABLE ON FABRIC CUSHIONED CLAMP, CODE “Z”.
16.
DIMENSIONING AND TOLERANCES PER ANSI Y14.5M-1982.
/17/
.265 DIAMETER OR .213 TO .223 DIAMETER OPTION AVAILABLE WHEN SPECIFIED BY PART NUMBER.
18.
TOLERANCES UNLESS OTHERWISE SPECIFIED: 2 PLACES ±.03, 3 PLACES ±.010.
= CLAMP, LOOP, CENTER, MOUNTED, .032 ALUMINUM
ALLOY, .438 DIA, PTFE CUSHION, SODIUM TREATED,
WEDGE TYPE, .265 DIA MOUNTING HOLE
MOUNTING HOLE DIA:
H= .265
X = .213 TO .223
OMIT CODE = .204
WEDGE CODE:
W = WEDGE
OMIT CODE = NO WEDGE
CUSHION:
K = PTFE, NATURAL
N = CHLOROPRENE RUBBER
S = SILICONE RUBBER
T = PTFE, SODIUM TREATED
Z = FABRIC, PBI/PTFE IMPREGNATED
DASH NUMBER, D DIAMETER IN .0625 INCREMENTS
MATERIAL:
D = ALUMINUM ALLOY AND THICKNESS PER TABLE 1
DT = ALUMINUM ALLOY AND THICKNESS PER TABLE 1
C = CRES AND THICKNESS PER TABLE 1
CT = CRES AND THICKNESS PER TABLE 1
DOCUMENT NUMBER



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com