Electronic Components Datasheet Search
  English  ▼

X  

RMASME494ATF03 Datasheet(PDF) 8 Page - WALSIN TECHNOLOGY CORPORATION

Part # RMASME494ATF03
Description  Any 2G/3G/4G Band for TRx system
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

RMASME494ATF03 Datasheet(HTML) 8 Page - WALSIN TECHNOLOGY CORPORATION

Back Button RMASME494ATF03 Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION RMASME494ATF03 Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION RMASME494ATF03 Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION RMASME494ATF03 Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION RMASME494ATF03 Datasheet HTML 8Page - WALSIN TECHNOLOGY CORPORATION RMASME494ATF03 Datasheet HTML 9Page - WALSIN TECHNOLOGY CORPORATION RMASME494ATF03 Datasheet HTML 10Page - WALSIN TECHNOLOGY CORPORATION RMASME494ATF03 Datasheet HTML 11Page - WALSIN TECHNOLOGY CORPORATION RMASME494ATF03 Datasheet HTML 12Page - WALSIN TECHNOLOGY CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Approval Sheet
Page 8 of 16
ASC_RMASME494ATF03_V03
Sep.2017
Table 8. Isolation Matrix : ANT to Off Path (2 of 2)
(Top= 25°C, VDD = 2.8 V, VIO=1.8V, Characteristic Impedance ZO= 50 Ω, Unless Otherwise Noted)
On
Path
Freq
(GHz)
Isolation (dB)
TXLB
TXHB
TRX1
TRX2
TRX3
TRX4
TRX5
TRX6
TRX7
TRX8
TRX4
1.0
-39.0
-40.7
-49.6
-54.3
-52.3
-33.9
-41.1
-32.4
-41.7
2.0
-45.7
-48.7
-41.3
-43.3
-41.8
-27.2
-31.0
-26.1
-35.2
2.7
-41.7
-41.6
-37.8
-40.1
-37.8
-24.7
-27.7
-24.4
-32.4
TRX5
1.0
-36.8
-39.8
-49.5
-51.8
-52.2
-33.1
-36.9
-33.0
-41.7
2.0
-46.7
-52.8
-40.6
-43.0
-41.6
-27.2
-28.0
-25.8
-34.9
2.7
-42.1
-40.7
-37.4
-39.5
-37.7
-24.6
-24.5
-23.9
-32.2
TRX6
1.0
-36.9
-41.1
-47.9
-50.7
-50.3
-42.0
-35.4
-33.7
-41.7
2.0
-40.1
-49.8
-40.0
-42.1
-41.0
-33.3
-27.9
-24.0
-34.7
2.7
-43.4
-41.4
-36.6
-39.0
-37.5
-29.7
-25.2
-21.3
-31.5
TRX7
1.0
-32.6
-34.1
-48.4
-49.7
-49.7
-45.7
-42.9
-36.0
-42.0
2.0
-27.9
-35.1
-39.8
-42.0
-41.0
-35.3
-32.6
-26.7
-34.6
2.7
-32.1
-28.0
-37.2
-39.2
-37.9
-31.1
-28.9
-23.4
-31.1
TRX8
1.0
-43.9
-43.0
-49.0
-52.4
-52.5
-43.6
-41.0
-36.5
-31.1
2.0
-49.4
-51.9
-39.2
-42.0
-41.6
-36.9
-35.0
-30.9
-25.9
2.7
-41.1
-38.3
-35.6
-38.7
-38.6
-33.3
-32.0
-28.5
-24.4
Table 9. Insertion Loss and Return Loss Matrix (1 of 2)
(Top= 25°C, VDD = 2.8 V, VIO=1.8V, Characteristic Impedance ZO= 50 Ω, Unless Otherwise Noted)
On_Path
Freq (MHz)
IL (dB)
RL_Pole (dB)
RL_Throw (dB)
TXLB
915
-0.92
-26.36
-42.06
1910
-30.95
-2.01
-1.22
2690
-36.85
-1.84
-1.28
TXHB
915
-0.60
-27.16
-23.33
1910
-1.00
-18.40
-17.59
2690
-5.31
-7.00
-6.03
TRX1
915
-0.37
-29.18
-30.98
1910
-0.48
-22.09
-20.16
2690
-0.66
-14.86
-16.72
TRX2
915
-0.36
-30.01
-31.07
1910
-0.45
-23.40
-21.64
2690
-0.66
-14.25
-15.79
TRX3
915
-0.37
-28.77
-32.30
1910
-0.46
-23.95
-21.76
2690
-0.68
-14.68
-16.38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com