Electronic Components Datasheet Search
  English  ▼

X  

PA83 Datasheet(PDF) 1 Page - Cirrus Logic

Part # PA83
Description  HIGH VOLTAGE POWER OPERATIONAL AMPLIFIERS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

PA83 Datasheet(HTML) 1 Page - Cirrus Logic

  PA83 Datasheet HTML 1Page - Cirrus Logic PA83 Datasheet HTML 2Page - Cirrus Logic PA83 Datasheet HTML 3Page - Cirrus Logic PA83 Datasheet HTML 4Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
APEX MICROTECHNOLOGY CORPORATION • 5980 NORTH SHANNON ROAD • TUCSON, ARIZONA 85741 • USA • APPLICATIONS HOTLINE: 1 (800) 546-2739
344
FEATURES
• LOW BIAS CURRENT, LOW NOISE — FET Input
• FULLY PROTECTED INPUT — Up to ±150V
• WIDE SUPPLY RANGE — ±15V to ±150V
APPLICATIONS
• HIGH VOLTAGE INSTRUMENTATION
• ELECTROSTATIC TRANSDUCERS & DEFLECTION
• PROGRAMMABLE POWER SUPPLIES UP TO 290V
• ANALOG SIMULATORS
DESCRIPTION
The PA83 is a high voltage operational amplifier designed
for output voltage swings up to ±145V with a dual (±) supply or
290V with a single supply. Its input stage is protected against
transient and steady state overvoltages up to and including
the supply rails. High accuracy is achieved with a cascode
input circuit configuration. All internal biasing is referenced
to a zener diode fed by a FET constant current source. As
a result, the PA83 features an unprecedented supply range
and excellent supply rejection. The output stage is biased in
the class A/B mode for linear operation. Internal phase com-
pensation assures stability at all gain settings without need
for external components. Fixed current limits protect these
amplifiers against shorts to common at supply voltages up to
120V. For operation into inductive loads, two external flyback
pulseprotectiondiodesarerecommended.However,aheatsink
may be necessary to maintain the proper case temperature
under normal operating conditions.
This hybrid circuit utilizes beryllia (BeO) substrates, thick
(cermet) film resistors, ceramic capacitors and silicon semicon-
ductor chips to maximize reliability, minimize size and give top
performance. Ultrasonically bonded aluminum wires provide
reliable interconnections at all operating temperatures. The
8-pin TO-3 package is hermetically sealed and electrically iso-
lated. The use of compressible thermal isolation washers and/or
improper mounting torque voids product warranty. Please see
Application Note 1 “General Operating Considerations”.
EXTERNAL CONNECTIONS
TYPICAL APPLICATION
While piezo electric transducers present a complex imped-
ance, they are often primarily capacitive at useful frequen-
cies. Due to this capacitance, the speed limitation for a given
transducer/amplifier combination may well stem from limited
current drive rather than power bandwidth restrictions. With
its drive capability of 75mA, the PA83 can drive transducers
having up to 2nF of capacitance at 40kHz at maximum output
voltage. In the event the transducer may be subject to shock
or vibration, flyback diodes, voltage clamps or other protection
networks must be added to protect the amplifier from high
voltages which may be generated.
EQUIVALENT SCHEMATIC
�����
�����
������
��
����
��������������������������������������
����
������
�����
����������
���� ������
��
��������������������������������������������������������������
� � � � � � � � � � � � � � �
�����������������������������������������
������������
�
�
�
�
�
�
�
��
��
��
��
���
����
��
��
��
���
��
��
��
���
���
��
��
����
���
��
��
��
���
��
��
���
��������
�
�
�
�
�
�
�
�
���
���
���
���
����
������
���
���
�����
�����������������������������������
����������������������������������
��������������������������������
8-PIN TO-3
PACKAGE STYLE CE


Similar Part No. - PA83

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
PA83 CIRRUS-PA83 Datasheet
205Kb / 5P
High Voltage Power Operational Amplifiers
PA83A CIRRUS-PA83A Datasheet
205Kb / 5P
High Voltage Power Operational Amplifiers
PA83M APEX-PA83M Datasheet
64Kb / 1P
TABLE 4 GROUP A INSPECTION
PA83M CIRRUS-PA83M Datasheet
154Kb / 2P
Table 4 Group A Inspection
PA83M/883 CIRRUS-PA83M/883 Datasheet
154Kb / 2P
Table 4 Group A Inspection
More results

Similar Description - PA83

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
PA81J APEX-PA81J Datasheet
260Kb / 4P
HIGH VOLTAGE POWER OPERATIONAL AMPLIFIERS
PA94 APEX-PA94 Datasheet
224Kb / 4P
HIGH VOLTAGE POWER OPERATIONAL AMPLIFIERS
PA93 CIRRUS-PA93 Datasheet
482Kb / 6P
High Voltage Power Operational Amplifiers
PA15FL APEX-PA15FL Datasheet
275Kb / 4P
HIGH VOLTAGE POWER OPERATIONAL AMPLIFIERS
PA15FL CIRRUS-PA15FL Datasheet
197Kb / 5P
High Voltage Power Operational Amplifiers
PA60 CIRRUS-PA60 Datasheet
159Kb / 4P
High Voltage Power Operational Amplifiers
PA83 CIRRUS-PA83 Datasheet
205Kb / 5P
High Voltage Power Operational Amplifiers
PA94 CIRRUS-PA94_09 Datasheet
208Kb / 6P
High Voltage Power Operational Amplifiers
logo
List of Unclassifed Man...
PA92 ETC2-PA92_17 Datasheet
554Kb / 1P
High Voltage Power Operational Amplifiers
PA95 ETC2-PA95_17 Datasheet
621Kb / 6P
High Voltage Power Operational Amplifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com