Electronic Components Datasheet Search
  English  ▼

X  

RMASMS535ATF03 Datasheet(PDF) 3 Page - WALSIN TECHNOLOGY CORPORATION

Part # RMASMS535ATF03
Description  Any 2G/3G/4G Handset Application
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

RMASMS535ATF03 Datasheet(HTML) 3 Page - WALSIN TECHNOLOGY CORPORATION

  RMASMS535ATF03 Datasheet HTML 1Page - WALSIN TECHNOLOGY CORPORATION RMASMS535ATF03 Datasheet HTML 2Page - WALSIN TECHNOLOGY CORPORATION RMASMS535ATF03 Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION RMASMS535ATF03 Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION RMASMS535ATF03 Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION RMASMS535ATF03 Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION RMASMS535ATF03 Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION RMASMS535ATF03 Datasheet HTML 8Page - WALSIN TECHNOLOGY CORPORATION RMASMS535ATF03 Datasheet HTML 9Page - WALSIN TECHNOLOGY CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Approval Sheet
Page 3 of 15
ASC_RMASMS535ATF03_V03
Jul. 2018
Table 1. RMASMS535ATF03 Pin Descriptions
Pin #
Name
Description
Pin #
Name
Description
1
TRxHB9
HB transmit/receive arm 9
15
TRxLB2
LB transmit/receive arm 2
2
TRxHB10
HB transmit/receive arm 10
16
TRxLB1
LB transmit/receive arm 1
3
TRxHB11
HB transmit/receive arm 11
17
ANT_LB
Antenna low band
4
TxHB
GSM high band TX
18
VIO
MIPI decoder enable voltage
5
SDATA
RFFE Data Input
19
VDD
DC power supply
6
SCLK
RFFE Clock Input
20
ANT_HB
Antenna high band
7
GND
Ground
21
TRxHB1
HB transmit/receive arm 1
8
TxLB
GSM low band TX
22
TRxHB2
HB transmit/receive arm 2
9
TRxLB8
LB transmit/receive arm 8
23
TRxHB3
HB transmit/receive arm 3
10
TRxLB7
LB transmit/receive arm 7
24
TRxHB4
HB transmit/receive arm 4
11
TRxLB6
LB transmit/receive arm 6
25
TRxHB5
HB transmit/receive arm 5
12
TRxLB5
LB transmit/receive arm 5
26
TRxHB6
HB transmit/receive arm 6
13
TRxLB4
LB transmit/receive arm 4
27
TRxHB7
HB transmit/receive arm 7
14
TRxLB3
LB transmit/receive arm 3
28
TRxHB8
HB transmit/receive arm 8
Note 1:Bottom ground paddles must be connected to ground.
Application Circuit
23
TRxHB5
TRxHB4
TRxHB6
TRxHB3
TRxHB7
TRxHB8
TRxHB9
TRxHB10
TRxHB11
TxHB
TRxHB2
TRxHB1
ANT_HB
VDD
ANT_LB
TRxLB1
TRxLB2
TRxLB3
TRxLB4
TRxLB5
TRxLB6
TRxLB7
TRxLB8
TxLB
SCLK
SDATA
VIO
22
20
19
18
17
16
15
21
1
2
4
5
6
7
8
9
3
14
13
12
11
10
24
25
26
27
28
C1
C2
Figure 3. RMASMS535ATF03 Application Circuit
Parts List
Parts No.
Value
C1-C2
0.1
μF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com