Electronic Components Datasheet Search
  English  ▼

X  

S30L60 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # S30L60
Description  Fast Recorvery Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

S30L60 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  S30L60 Datasheet HTML 1Page - Inchange Semiconductor Company Limited S30L60 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
isc website:www.iscsemi.com
isc & iscsemi is registered trademark
1
Fast Recorvery Rectifier
S30L60
FEATURES
·
High voltage
·
Low forward voltage,high efficiency
·
Minimum Lot-to-Lot variations for robust device
performance and reliable operation
APPLICATIONS
·
These devices are ideally suited for HF welding,
power converters and other applications where
switching losses are not significant portion of the
total losses.
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VRRM
VRWM
VR
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
600
V
IF(AV)
Average Rectified Forward Current
30
A
IFSM
Non-repetitive Peak Surge Current
600
A
TJ
Junction Temperature
-55~150
℃
Tstg
Storage Temperature Range
-55~150
℃
ELECTRICAL CHARACTERISTICS(Ta=25℃) (Pulse Test: Pulse Width=300μs,Duty Cycle≤2%)
SYMBOL
PARAMETER
CONDITIONS
MAX
UNIT
VF
Maximum Instantaneous Forward Voltage
IF= 30A
1.5
V
IR
Maximum Instantaneous Reverse Current
VR=VRM
25
μ
A
trr
Maximum Reverse Recovery Time
IF =0.5A; IR=1A
150
ns


Similar Part No. - S30L60

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
S30L60 SHINDENGEN-S30L60 Datasheet
380Kb / 6P
Super Fast Recovery Rectifiers(600V 30A)
More results

Similar Description - S30L60

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
1N994 NJSEMI-1N994 Datasheet
80Kb / 1P
Fast Rectifier
1N3110 NJSEMI-1N3110 Datasheet
97Kb / 1P
Fast Rectifier
1N3122 NJSEMI-1N3122 Datasheet
83Kb / 1P
Fast Rectifier
1N4534 NJSEMI-1N4534 Datasheet
78Kb / 1P
FAST RECTIFIER
1N5190 NJSEMI-1N5190 Datasheet
125Kb / 1P
FAST RECTIFIER
logo
Solid States Devices, I...
RF0017 SSDI-RF0017_15 Datasheet
202Kb / 2P
FAST RECTIFIER
logo
Inchange Semiconductor ...
FEP16GT ISC-FEP16GT Datasheet
281Kb / 2P
Fast Rectifier
MUR60120PT ISC-MUR60120PT Datasheet
296Kb / 2P
Ultrafast Recorvery Diode
DSEP15-06BS ISC-DSEP15-06BS Datasheet
304Kb / 2P
Fast Recorvery Diode
MURD530 ISC-MURD530 Datasheet
327Kb / 2P
Ultrafast Recorvery Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com