Electronic Components Datasheet Search
  English  ▼

X  

PCA9544AD Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PCA9544AD
Description  4-channel IC multiplexer with interrupt logic
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9544AD Datasheet(HTML) 2 Page - NXP Semiconductors

  PCA9544AD Datasheet HTML 1Page - NXP Semiconductors PCA9544AD Datasheet HTML 2Page - NXP Semiconductors PCA9544AD Datasheet HTML 3Page - NXP Semiconductors PCA9544AD Datasheet HTML 4Page - NXP Semiconductors PCA9544AD Datasheet HTML 5Page - NXP Semiconductors PCA9544AD Datasheet HTML 6Page - NXP Semiconductors PCA9544AD Datasheet HTML 7Page - NXP Semiconductors PCA9544AD Datasheet HTML 8Page - NXP Semiconductors PCA9544AD Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
Philips Semiconductors
Product data sheet
PCA9544A
4-channel I2C multiplexer with interrupt logic
2
2004 Sep 29
FEATURES
• 1-of-4 bi-directional translating multiplexer
• I2C interface logic; compatible with SMBus
• 4 Active-LOW Interrupt Inputs
• Active-LOW Interrupt Output
• 3 address pins allowing up to 8 devices on the I2C-bus
• Channel selection via I2C-bus
• Power-up with all multiplexer channels deselected
• Low Rds
ON switches
• Allows voltage level translation between 1.8 V, 2.5 V, 3.3 V and
5 V buses
• No glitch on power-up
• Supports hot insertion
• Low stand-by current
• Operating power supply voltage range of 2.3 V to 5.5 V
• 5 V tolerant Inputs
• 0 to 400 kHz clock frequency
• ESD protection exceeds 2000 V HBM per JESD22-A114,
200 V MM per JESD22-A115 and 1000 V per JESD22-C101
• Latchup testing is done to JESDEC Standard JESD78 which
exceeds 100 mA
• Three packages offered: SO20, TSSOP20, and HVQFN20
DESCRIPTION
The PCA9544A is a 1-of-4 bi-directional translating multiplexer,
controlled via the I2C-bus. The SCL/SDA upstream pair fans out to
four SCx/SDx downstream pairs, or channels. Only one SCx/SDx
channel is selected at a time, determined by the contents of the
programmable control register. Four interrupt inputs, INT0 to INT3,
one for each of the SCx/SDx downstream pairs, are provided. One
interrupt output, INT, which acts as an AND of the four interrupt
inputs, is provided.
A power-on reset function puts the registers in their default state and
initializes the I2C state machine with no channels selected.
The pass gates of the multiplexer are constructed such that the VDD
pin can be used to limit the maximum high voltage which will be
passed by the PCA9544A. This allows the use of different bus
voltages on each SCx/SDx pair, so that 1.8 V, 2.5 V or 3.3 V parts
can communicate with 5 V parts without any additional protection.
External pull-up resistors pull the bus up to the desired voltage level
for each channel. All I/O pins are 5 V tolerant.
ORDERING INFORMATION
PACKAGES
TEMPERATURE RANGE
ORDER CODE
TOPSIDE MARK
DRAWING NUMBER
20-Pin Plastic SO
–40
°C to +85 °C
PCA9544AD
PCA9544AD
SOT163-1
20-Pin Plastic TSSOP
–40
°C to +85 °C
PCA9544APW
PA9544A
SOT360-1
20-Pin Plastic HVQFN
–40
°C to +85 °C
PCA9544ABS
9544A
SOT662-1
Standard packing quantities and other packaging data are available at www.standardproducts.philips.com/packaging.
I2C is a trademark of Philips Semiconductors Corporation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com