Electronic Components Datasheet Search
  English  ▼

X  

AM-500GC Datasheet(PDF) 1 Page - DATEL, Inc.

Part # AM-500GC
Description  Ultra-Fast Operational Amplifi ers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATEL [DATEL, Inc.]
Direct Link  http://www.datel.com/
Logo DATEL - DATEL, Inc.

AM-500GC Datasheet(HTML) 1 Page - DATEL, Inc.

  AM-500GC Datasheet HTML 1Page - DATEL, Inc. AM-500GC Datasheet HTML 2Page - DATEL, Inc. AM-500GC Datasheet HTML 3Page - DATEL, Inc. AM-500GC Datasheet HTML 4Page - DATEL, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Figure 1. Functional Block Diagram
+
–
1
2
3
4
567
14
13
12
11
10
9
8
NC
NC
NC
-IN
+IN
-VS
NC
NC
NC
NC
+VS
OUT
NC
COM.
FEATURES
200 Nanoseconds settling to 0.01%
100V/Microsecond slew rate
100 MHz Minimum gain-bandwidth
106 Open loop gain
1 Microvolt/°C drift
±50 mA Output current
The AM-500 series amplifiers are ultra-fast
settling operational amplifiers for use in inverting
applications. A unique feedforward amplifier design
combines the characteristics of a low drift dc
amplifier with those of a very fast AC amplifier. For
optimum fast settling performance, this amplifier
has an open loop gain roll-off of 6 dB per octave
to beyond 100 MHz. Miniature thin-film hybrid
construction permits an optimum combination of
semiconductor devices and minimum lead lengths
to realize the amplifier circuitry. Applications
for the AM-500 Series include fast integrators,
sample-holds, fast waveform drivers, and fast D/A
converter output amplifiers.
Output settling time is 200 nanoseconds
maximum to 0.01% for a 10 dc volt step change.
Slew rate is 1000V/microsecond for positive output
transitions and 1800V/microsecond for negative
transitions. This high slew rate permits undistorted
reproduction of a full load, 20V peak-to-peak
sinewave out to 16 MHz. Gain bandwidth product is
100 MHz minimum.
AM-500 series dc characteristics include a dc
open loop gain of 106, 30 megohm input imped-
ance, and 1 nanoampere bias current. Input offset
voltage is ±0.5 mV and input offset voltage drift
is 1 microvolt/°C. Although these amplifiers do
not operate differentially, a dc offset voltage in
the range of ±5V dc can be applied to the positive
input terminal.
Power supply requirement is ±15V dc at 22 mA
quiescent current. The amplifiers will operate over
a supply range of ±10V to ±18V dc. Output current
capability is ±50 mA with output short circuit
protection. Three basic versions are available:
AM-500GC and AM-500MC for 0°C to + 10°C, and
the AM-500MM for -55°C to +125°C. The device
package is a 14-pin ceramic DIP.
PRODUCT OVERVIEW
FUNCTIONAL BLOCK DIAGRAM
PIN FUNCTION
1
N.C.
2
N.C.
3
N.C.
4
-INPUT
5
+INPUT
6
-SUPPLY
7
N.C.
8
COMMON
9
N.C.
10
OUTPUT
11
+ SUPPLY
12
N.C.
13
N.C.
14
N.C.
DATEL, Inc. 11 Cabot Boulevard, Mansfield, MA 02048-1151 USA • Tel: (508) 339-3000 • www.datel.com • e-mail: help@datel.com
AM-500 Series
Ultra-Fast Operational Amplifiers
26 Jun 2015 MDA_AM-500.B03 Page 1 of 4


Similar Part No. - AM-500GC

ManufacturerPart #DatasheetDescription
logo
DATEL, Inc.
AM-500GC DATEL-AM-500GC Datasheet
95Kb / 1P
Legacy Amplifiers
More results

Similar Description - AM-500GC

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2050 LINER-LTC2050_1 Datasheet
175Kb / 16P
Zero-Drift Operational Amplifi ers in SOT-23
logo
MRV Communications, Inc...
EM316EDFA-BR MRV-EM316EDFA-BR Datasheet
618Kb / 3P
Optical Amplifi ers
logo
Linear Technology
LT1818 LINER-LT1818_15 Datasheet
1Mb / 18P
400MHz, 2500V/s, 9mA Single/Dual Operational Amplifi ers
LTC2054 LINER-LTC2054_15 Datasheet
213Kb / 16P
Single/Dual Micropower Zero-Drift Operational Amplifi ers
LTC2055 LINER-LTC2055_15 Datasheet
213Kb / 16P
Single/Dual Micropower Zero-Drift Operational Amplifi ers
LTC6420-20 LINER-LTC6420-20_15 Datasheet
227Kb / 14P
Dual Matched 1.8GHz Differential Amplifi ers/ADC Drivers
LTC6421-20 LINER-LTC6421-20_15 Datasheet
251Kb / 16P
Dual Matched 1.3GHz Differential Amplifi ers/ADC Drivers
logo
Hamamatsu Corporation
C5185 HAMAMATSU-C5185_15 Datasheet
174Kb / 5P
Amplifi ers for infrared detector
C4159-01 HAMAMATSU-C4159-01_15 Datasheet
174Kb / 5P
Amplifi ers for infrared detector
logo
DATEL, Inc.
AM-1435 DATEL-AM-1435 Datasheet
131Kb / 4P
Ultra-Fast, Wideband Operational Amplifi ers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com