Electronic Components Datasheet Search
  English  ▼

X  

MX-826GC Datasheet(PDF) 3 Page - DATEL, Inc.

Part # MX-826GC
Description  Precision, High-Speed 8-Channel Analog Multiplexers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATEL [DATEL, Inc.]
Direct Link  http://www.datel.com/
Logo DATEL - DATEL, Inc.

MX-826GC Datasheet(HTML) 3 Page - DATEL, Inc.

  MX-826GC Datasheet HTML 1Page - DATEL, Inc. MX-826GC Datasheet HTML 2Page - DATEL, Inc. MX-826GC Datasheet HTML 3Page - DATEL, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
MDA_MX826_A02 Page 3 of 6
MX-826
Precision, High-Speed 8-Channel Analog Multiplexers
© 2015 DATEL, Inc.
DATEL, Inc. makes no representation that the use of its products in the circuits described herein, or the use of other technical information
contained herein, will not infringe upon existing or future patent rights. The descriptions contained herein do not imply the granting of
licenses to make, use, or sell equipment constructed in accordance therewith. Specifications are subject to change without notice.
www.datel.com • e-mail: help@datel.com
DATEL is a registered trademark of DATEL, Inc.
11 Cabot Boulevard, Mansfield, MA 02048-1151 USA
ITAR and ISO 9001/14001 REGISTERED
24-Pin DDIP
Versions
MX-826MC
MX-826MM
MX-826/883
24-Pin
Surface Mount
Versions
MX-826GC
MX-826GM
MX-826G/883
DESC drawing available: Drawing Number 5962-9450601. For
MIL-STD-883 product specifcation, contact DATEL.
0.200 MAX.
(5.080)
0.235 MAX.
(5.969)
0.600 ±0.010
(15.240)
0.80 MAX.
(20.32)
0.100 TYP.
(2.540)
0.100
(2.540)
0.018 ±0.002
(0.457)
0.100
(2.540)
0.040
(1.016)
1.31 MAX.
(33.27)
112
13
24
1.100
(27.940)
0.190 MAX.
(4.826)
0.010
(0.254)
+0.002
–0.001
SEATING
PLANE
0.025
(0.635)
Dimension Tolerances
(unless otherwise indicated):
2 place decimal (.XX) ±0.010 (±0.254)
3 place decimal (.XXX) ±0.005 (±0.127)
Lead Material: Kovar alloy
Lead Finish: 50 microinches (minimum)
gold plating over 100 microinches
(nominal) nickel plating
0.80 MAX.
(20.32)
0.015
(0.381)
MAX. radius
for any pin
1.31 MAX.
(33.02)
0.100 TYP.
(2.540)
0.100
(2.540)
0.190 MAX.
(4.826)
0.040
(1.016)
0.020 TYP.
(0.508)
0.020
(0.508)
24
13
12
1
PIN 1
INDEX
0.130 TYP.
(3.302)
Dimension Tolerances (unless otherwise indicated):
2 place decimal (.XX) ±0.010 (±0.254)
3 place decimal (.XXX) ±0.005 (±0.127)
Lead Material: Kovar alloy
Lead Finish: 50 microinches (minimum) gold plating
over 100 microinches (nominal) nickel plating
0.060 TYP.
(1.524)
0.010 TYP.
(0.254)
INPUT/OUTPUT CONNECTIONS
MECHANICAL DIMENSIONS
PIN
FUNCTION
PIN
FUNCTION
1
A0
24
+5V SUPPLY
2
A1
23
GROUND
3
A2
22
NO CONNECTION
4
IN1
21
NO CONNECTION
5
IN2
20
NO CONNECTION
6
IN3
19
–15V SUPPLY
7
IN4
18
GROUND
8
IN5
17
GROUND
9
IN6
16
+15V SUPPLY
10
IN7
15
NO CONNECTION
11
IN8
14
NO CONNECTION
12
GROUND
13
OUTPUT
ORDERING INFORMATION
Model Number
Operating Temp. Range Package RoHS
MX-826MC
0 to +70°C
DDIP
No
MX-826ME
–40 to +100°C
DDIP
No
MX-826MM
–55 to +125°C
DDIP
No
MX-826GC
0 to +70°C
SMT
No
MX-826GE
–40 to +100°C
SMT
No
MX-826GM
–55 to +125°C
SMT
No
MX-826/883
–55 to +125°C
DDIP
No
MX-826G/883
–55 to +125°C
SMT
No
5962-9450601HXC
–55 to +125°C
DDIP
No
5962-9450601HXA
–55 to +125°C
DDIP
No
MX-826MC-C
0 to +70°C
DDIP
Yes
MX-826ME-C
–40 to +100°C
DDIP
Yes
MX-826MM-C
–55 to +125°C
DDIP
Yes
MX-826GC-C
0 to +70°C
SMT
Yes
MX-826GE-C
–40 to +100°C
SMT
Yes
MX-826GM-C
–55 to +125°C
SMT
Yes



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com