Electronic Components Datasheet Search
  English  ▼

X  

AS9599 Datasheet(PDF) 1 Page - UMPCO, Inc.

Part # AS9599
Description  BRACKET, ANGLE, 90째, ALLOY STEEL UNS G41300, CADMIUM PLATED .190 X .375 BOLT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMPCO [UMPCO, Inc.]
Direct Link  http://www.umpco.com/index.php
Logo UMPCO - UMPCO, Inc.

AS9599 Datasheet(HTML) 1 Page - UMPCO, Inc.

  AS9599 Datasheet HTML 1Page - UMPCO, Inc. AS9599 Datasheet HTML 2Page - UMPCO, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
THIS CATALOG PAGE IS FOR REFERENCE ONLY. REQUEST A
CERTIFIED UMPCO DRAWING FOR ACTUAL SPECIFICATIONS.
ANY CONFLICT BETWEEN THIS DOCUMENT AND THE CERTIFIED
DRAWING, THE CERTIFIED DRAWING WILL TAKE PRECEDENCE.
IF THE DOCUMENT IS CONTROLLED BY ANY OTHER SOURCE
THAN UMPCO, THE CERTIFIED DRAWING MUST BE PURCHASED
THROUGH THAT ORGANIZATION.
UMPCO, INC
CAGE CODE No. 18076
REV
N/C
02/13/09
AS9599
BRACKET, ANGLE, 90°, ALLOY STEEL UNS G41300,
CADMIUM PLATED .190 X .375 BOLT
PART NUMBER
7100 LAMPSON AVE * PO BOX 5158 * GARDEN GROVE, CA 92846-5158 SALES: (714) 897-3531 * BUS: (714) 897-3536 * FAX: (714) 897-2611
Ø .210/.200
R .500
.205
.195
.750
A
B
90°
MARK PART
NUMBER AND
MANUFACTURER’S
IDENTIFICATION PER
AS478 CLASS B
FIGURE 1 ANGLE BRACKET
DIRECTION OF GRAIN
(SEE NOTE 4)
.380
.370
.068
.056
R .125
R .500
Ø .395/.385
.295
.285
NOTES:
1.
MATERIAL: ALLOY STEEL PER AMS 6350 (UNS G41300).
2.
HARDNESS: HARDEN (OIL QUENCH) AND TEMPER TO 32-38 HRC PER ASTM E18.
3.
FINISH: CADMIUM PLATE PER AMS 2400. DIMENSIONS SPECIFIED ARE AFTER PLATING.
4.
GRAIN FLOW SHALL BE PARALLEL WITH ROLLING DIRECTION
5.
BREAK SHARP EDGES .003 -.015, UNLESS OTHERWISE SPECIFIED.
6.
DIMENSIONS ARE IN INCHES.
7.
TOLERANCES UNLESS OTHERWISE SPECIFIED, TOLERANCES SHALL BE FOR LINEAR
DIMENSIONS ±.010, ANGULAR ±5°.
8.
DIMENSIONS AND TOLERANCING PER ANSI Y14.5M-1982.
9.
PART NUMBER: THE PART NUMBER SHALL CONSIST OF THE BASIC “MS” PART NUMBER
FOLLOWED BY A DASH NUMBER FROM TABLE 1.
EXAMPLE: MS9599 - 005
10.
APPROXIMATE MASS LB/100 = 1.316 (A+B) + .221.
11.
DO NOT USE UNASSIGNED PART NUMBERS.
MS9599-XXX
DASH NUMBER
BASIC “MS” NUMBER


Similar Part No. - AS9599

ManufacturerPart #DatasheetDescription
logo
UMPCO, Inc.
AS9592 UMPCO-AS9592 Datasheet
69Kb / 2P
BRACKET, ANGLE, 90째, CRES UNS S32100, .190 BOLT
AS9593 UMPCO-AS9593 Datasheet
70Kb / 2P
BRACKET, ANGLE, 90째, CRES UNS S32100, .190 X .250 BOLT
AS9594 UMPCO-AS9594 Datasheet
71Kb / 2P
BRACKET, ANGLE, 90째, CRES UNS S32100, .190 X .312 BOLT
AS9595 UMPCO-AS9595 Datasheet
71Kb / 2P
BRACKET, ANGLE, 90째, CRES UNS S32100, .190 X .375 BOLT
AS9596 UMPCO-AS9596 Datasheet
68Kb / 2P
BRACKET, ANGLE, 90째, CADMIUM PLATED STEEL, UNSG41300, .190 BOLT
More results

Similar Description - AS9599

ManufacturerPart #DatasheetDescription
logo
UMPCO, Inc.
AS9231 UMPCO-AS9231 Datasheet
69Kb / 1P
BRACKET-ANGLE 90째,.190 X .375 BOLT
AS9551 UMPCO-AS9551 Datasheet
77Kb / 1P
BRACKET, FLAT STEEL, UNS G41300, CADMIUM PLATED
AS9592 UMPCO-AS9592 Datasheet
69Kb / 2P
BRACKET, ANGLE, 90째, CRES UNS S32100, .190 BOLT
AS9593 UMPCO-AS9593 Datasheet
70Kb / 2P
BRACKET, ANGLE, 90째, CRES UNS S32100, .190 X .250 BOLT
AS9595 UMPCO-AS9595 Datasheet
71Kb / 2P
BRACKET, ANGLE, 90째, CRES UNS S32100, .190 X .375 BOLT
AS9596 UMPCO-AS9596 Datasheet
68Kb / 2P
BRACKET, ANGLE, 90째, CADMIUM PLATED STEEL, UNSG41300, .190 BOLT
AS9597 UMPCO-AS9597 Datasheet
68Kb / 2P
BRACKET, ANGLE, 90째, CADMIUM PLATED, STEEL, UNSG41300, .190 X .250 BOLT
AS9598 UMPCO-AS9598 Datasheet
68Kb / 2P
BRACKET, ANGLE, 90째, CADMIUM PLATED, ALLOY STEEL UNS G41300, .190 X .312 BOLT
AS9603 UMPCO-AS9603 Datasheet
70Kb / 2P
BRACKET,, ANGLE 90째, CRES UNS S41000, .190 X .375 BOLT
MS9104 UMPCO-MS9104 Datasheet
71Kb / 1P
BRACKET-ANGLE 90째, .190 X .375 BOLT
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com