Electronic Components Datasheet Search
  English  ▼

X  

SWG82710 Datasheet(PDF) 3 Page - celduc-relais

Part # SWG82710
Description  THREE PHASE CONTROLLE WITH PROPORTIONAL CONTROL 0 - 10V
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CELDUC [celduc-relais]
Direct Link  http://www.celduc-relais.com/uk/index.asp
Logo CELDUC - celduc-relais

SWG82710 Datasheet(HTML) 3 Page - celduc-relais

  SWG82710 Datasheet HTML 1Page - celduc-relais SWG82710 Datasheet HTML 2Page - celduc-relais SWG82710 Datasheet HTML 3Page - celduc-relais SWG82710 Datasheet HTML 4Page - celduc-relais SWG82710 Datasheet HTML 5Page - celduc-relais SWG82710 Datasheet HTML 6Page - celduc-relais SWG82710 Datasheet HTML 7Page - celduc-relais  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
S/GRA/SWG8xxxxx/E/5/02/2014
page 3 /7 F/GB
2 (SO865970 + WF108110)
SG541020
27KW
Raccordement
r
e
l
a
i
s
5, Rue Ampère BP30004
42290 SORBIERS - FRANCE
E-mail : celduc-relais@celduc.com
Fax +33 (0) 4 77 53 85 51
Service Commercial France Tél. : +33 (0) 4 77 53 90 20
Sales Dept.For Europe Tel. : +33 (0) 4 77 53 90 21
Sales Dept. Asia : Tél. +33 (0) 4 77 53 90 19
www.celduc.com
celducâ
REFERENCE
TENSION RESEAU
OUTPUT VOLTAGE
Puissance charge/
Load
Courant par
Phase/ Current
CONTROL
Dimensions
H x L x P (mm)
SWG82710
3 x 400VAC
27kWatts
38A
0-10V
80 x 290 x 100



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com