Electronic Components Datasheet Search
  English  ▼

X  

SMP80MC-200 Datasheet(PDF) 1 Page - STMicroelectronics

Part # SMP80MC-200
Description  TRISIL FOR TELECOM EQUIPMENT PROTECTION
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SMP80MC-200 Datasheet(HTML) 1 Page - STMicroelectronics

  SMP80MC-200 Datasheet HTML 1Page - STMicroelectronics SMP80MC-200 Datasheet HTML 2Page - STMicroelectronics SMP80MC-200 Datasheet HTML 3Page - STMicroelectronics SMP80MC-200 Datasheet HTML 4Page - STMicroelectronics SMP80MC-200 Datasheet HTML 5Page - STMicroelectronics SMP80MC-200 Datasheet HTML 6Page - STMicroelectronics SMP80MC-200 Datasheet HTML 7Page - STMicroelectronics SMP80MC-200 Datasheet HTML 8Page - STMicroelectronics SMP80MC-200 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
®
1/9
SMP80MC
TRISIL™ FOR TELECOM EQUIPMENT PROTECTION
REV. 3
SMB
(JEDEC DO-214AA)
June 2005
FEATURES
■ Bidirectional crowbar protection
■ Voltage: range from 120V to 270V
■ Low VBO / VR ratio
■ Micro capacitance equal to 12pF @ 50V
■ Low leakage current : IR = 2µA max
■ Holding current: IH = 150 mA min
■ Repetitive peak pulse current :
■ IPP = 80 A (10/1000µs)
MAIN APPLICATIONS
Any sensitive equipment requiring protection
against lightning strikes and power crossing:
■ Terminals (phone, fax, modem...) and central
office equipment
DESCRIPTION
The SMP80MC is a series of micro capacitance
transient surge arrestors designed for the protec-
tion of high debit rate communication equipment
on CPE side. Its micro capacitance avoids any dis-
tortion of the signal and is compatible with digital
transmission like ADSL2 and ADSL2+.
BENEFITS
Trisils are not subject to ageing and provide a fail
safe mode in short circuit for a better protection.
They are used to help equipment to meet main
standards such as UL1950, IEC950 / CSA C22.2
and UL1459. They have UL94 V0 approved resin.
SMB package is JEDEC registered (DO-214AA).
Trisils comply with the following standards GR-
1089 Core, ITU-T-K20/K21, VDE0433, VDE0878,
IEC61000-4-5 and FCC part 68.
Table 1: Order Codes
Part Number
Marking
SMP80MC-120
TP12
SMP80MC-140
TP14
SMP80MC-160
TP16
SMP80MC-200
TP20
SMP80MC-230
TP23
SMP80MC-270
TP27
Figure 1: Schematic Diagram
TM: TRISIL is a trademark of STMicroelectronics.


Similar Part No. - SMP80MC-200

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SMP80MC-200 STMICROELECTRONICS-SMP80MC-200 Datasheet
118Kb / 10P
TRISIL for telecom equipment protection
18-Jan-2007
More results

Similar Description - SMP80MC-200

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SMP50-XXX STMICROELECTRONICS-SMP50-XXX Datasheet
81Kb / 8P
TELECOM EQUIPMENT PROTECTION: TRISIL?
SMP100MC STMICROELECTRONICS-SMP100MC Datasheet
108Kb / 10P
TRISIL™ FOR TELECOM EQUIPMENT PROTECTION
December 2004 REV. 1
SMP50 STMICROELECTRONICS-SMP50 Datasheet
106Kb / 10P
TRISIL FOR TELECOM EQUIPMENT PROTECTION
16-Nov-2004
SMP30 STMICROELECTRONICS-SMP30_04 Datasheet
87Kb / 9P
TRISIL FOR TELECOM EQUIPMENT PROTECTION
13-Dec-2004
SMP50 STMICROELECTRONICS-SMP50_07 Datasheet
129Kb / 11P
Trisil for telecom equipment protection
12-Jun-2007
SMP80MC STMICROELECTRONICS-SMP80MC_07 Datasheet
118Kb / 10P
TRISIL for telecom equipment protection
18-Jan-2007
SMP100LC STMICROELECTRONICS-SMP100LC_07 Datasheet
148Kb / 12P
Trisil for telecom equipment protection
05-Mar-2007
SMP100MC STMICROELECTRONICS-SMP100MC_05 Datasheet
166Kb / 13P
Trisil??for telecom equipment protection
09-Feb-2012
SMP100LC-65 STMICROELECTRONICS-SMP100LC-65 Datasheet
65Kb / 8P
TELECOM EQUIPMENT PROTECTION: TRISIL?
Jul-2002
SMP75 STMICROELECTRONICS-SMP75 Datasheet
89Kb / 9P
Trisil??for telecom equipment protection
19-Oct-2010
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com