Electronic Components Datasheet Search
  English  ▼

X  

VN750PEP Datasheet(PDF) 1 Page - STMicroelectronics

Part # VN750PEP
Description  HIGH SIDE DRIVER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN750PEP Datasheet(HTML) 1 Page - STMicroelectronics

  VN750PEP Datasheet HTML 1Page - STMicroelectronics VN750PEP Datasheet HTML 2Page - STMicroelectronics VN750PEP Datasheet HTML 3Page - STMicroelectronics VN750PEP Datasheet HTML 4Page - STMicroelectronics VN750PEP Datasheet HTML 5Page - STMicroelectronics VN750PEP Datasheet HTML 6Page - STMicroelectronics VN750PEP Datasheet HTML 7Page - STMicroelectronics VN750PEP Datasheet HTML 8Page - STMicroelectronics VN750PEP Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
®
October 2003 - Revision 1.2 (Working document)
1/14
This is preliminary information on a new product foreseen to be developed. Details are subject to change without notice.
VN750PEP
HIGH SIDE DRIVER
s
CMOS COMPATIBLE INPUT
s
ON STATE OPEN LOAD DETECTION
s
OFF STATE OPEN LOAD DETECTION
s
SHORTED LOAD PROTECTION
s
UNDERVOLTAGE AND OVERVOLTAGE
SHUTDOWN
s
PROTECTION AGAINST LOSS OF GROUND
s
VERY LOW STAND-BY CURRENT
s
REVERSE BATTERY PROTECTION (*)
DESCRIPTION
The VN750PEP is a monolithic device designed in
STMicroelectronics VIPower M0-3 Technology,
intended for driving any kind of load with one side
connected to ground.
Active VCC pin voltage clamp protects the device
against low energy spikes (see ISO7637 transient
compatibility
table).
Active
current
limitation
combined with thermal shutdown and automatic
restart protect the device against overload.
The device detects open load condition both is on
and off state. Output shorted to VCC is detected in
the off state. Device automatically turns off in case
of ground pin disconnection.
TYPE
RDS(on)
IOUT
VCC
VN750PEP
60 m
Ω
6 A
36 V
PowerSSO-12
ORDER CODES
PACKAGE
TUBE
T&R
PowerSSO-12
VN750PEP
VN750PEP13TR
BLOCK DIAGRAM
UNDERVOLTAGE
OVERTEMPERATURE
VCC
GND
INPUT
OUTPUT
OVERVOLTAGE
CURRENT LIMITER
LOGIC
DRIVER
Power CLAMP
STATUS
VCC
CLAMP
ON STATE OPENLOAD
OFF STATE OPENLOAD
AND OUTPUT SHORTED TO VCC
DETECTION
DETECTION
DETECTION
DETECTION
DETECTION
(*) See application schematic at page 8
TARGET SPECIFICATION


Similar Part No. - VN750PEP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VN750PEP-E STMICROELECTRONICS-VN750PEP-E Datasheet
341Kb / 22P
High side driver
23-Nov-2009
VN750PEPTR-E STMICROELECTRONICS-VN750PEPTR-E Datasheet
341Kb / 22P
High side driver
23-Nov-2009
More results

Similar Description - VN750PEP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VN920D-B5 STMICROELECTRONICS-VN920D-B5 Datasheet
438Kb / 22P
HIGH SIDE DRIVER
rev. A
VN920DSP STMICROELECTRONICS-VN920DSP Datasheet
250Kb / 17P
HIGH SIDE DRIVER
rev. A
VN820 STMICROELECTRONICS-VN820_04 Datasheet
543Kb / 35P
HIGH SIDE DRIVER
Jul-2004
VN750 STMICROELECTRONICS-VN750_04 Datasheet
423Kb / 31P
HIGH SIDE DRIVER
Jun-2004
VN751S STMICROELECTRONICS-VN751S Datasheet
555Kb / 17P
High side driver
08-Jul-2008
VN800S-E STMICROELECTRONICS-VN800S-E Datasheet
262Kb / 24P
HIGH SIDE DRIVER
Oct-2004
VN751PT STMICROELECTRONICS-VN751PT_08 Datasheet
392Kb / 16P
High side driver
08-Jul-2008
VN800PSTR-E STMICROELECTRONICS-VN800PSTR-E Datasheet
373Kb / 27P
High-side driver
07-Feb-2011
VN750SM-E STMICROELECTRONICS-VN750SM-E Datasheet
243Kb / 20P
HIGH SIDE DRIVER
Oct-2004
VN920DB5-E STMICROELECTRONICS-VN920DB5-E Datasheet
392Kb / 26P
High-side driver
September 2013 Rev 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com