Electronic Components Datasheet Search
  English  ▼

X  

MS9168 Datasheet(PDF) 1 Page - UMPCO, Inc.

Part # MS9168
Description  BRACKET, 90째 ANGLE, AMS 6350, .190 X .375 BOLT
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMPCO [UMPCO, Inc.]
Direct Link  http://www.umpco.com/index.php
Logo UMPCO - UMPCO, Inc.

MS9168 Datasheet(HTML) 1 Page - UMPCO, Inc.

  MS9168 Datasheet HTML 1Page - UMPCO, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
UMPCO, INC
CAGE CODE No. 18076
REV
N/C
01/30/09
MS9168
THIS CATALOG PAGE IS FOR REFERENCE ONLY. REQUEST A
CERTIFIED UMPCO DRAWING FOR ACTUAL SPECIFICATIONS.
ANY CONFLICT BETWEEN THIS DOCUMENT AND THE CERTIFIED
DRAWING, THE CERTIFIED DRAWING WILL TAKE PRESIDENCE.
IF THE DOCUMENT IS CONTROLLED BY ANY OTHER SOURCE
THAN UMPCO, THE CERTIFIED DRAWING MUST BE PURCHASED
THROUGH THAT ORGANIZATION.
BRACKET, 90° ANGLE, AMS 6350, .190 X .375 BOLT
PART NUMBER
7100 LAMPSON AVE * PO BOX 5158 * GARDEN GROVE, CA 92846-5158 SALES: (714) 897-3531 * BUS: (714) 897-3536 * FAX: (714) 897-2611
.750
422
.395
.385
.068
.056
R
.210
.200
R .500
.375
.475
.465
.288/.278
MARK PART
NUMBER AND
MFR IDENT PER
AS 478 –7B
D
R .125
B
A
R .500
R
.642
90°
±2°
REQUIREMENTS:
MATERIAL: STEEL AMS 6350. HARDEN (OIL QUANCH) AND TEMPER TO
ROCKWELL C 32-38.
FINISH: CADMIUM PLATE PER AMS 2400. DIMENSIONS SPECIFIED ARE
AFTER PLATING
REMOVE BURRS AND BREAK SHARP EDGES.
ALL DIMENSIONS ARE IN INCHES. UNLESS OTHERWISE SPECIFIED:
TOLERANCES; LINEAR ±.015
DO NOT USE UNASSIGNED PART NUMBERS.
C
DASH
A
B
C
D
DASH
A
B
C
D
NO.
REF
REF
±.010
±.010
NO.
REF
REF
±.010
±.010
MS9168-01
0.625
0.500
0.359
0.328
MS9168-40
1.250
0.500
0.984
0.328
MS9168-02
0.625
0.625
0.359
0.453
MS9168-41
1.250
0.625
0.984
0.453
MS9168-03
0.625
0.750
0.359
0.578
MS9168-42
1.250
0.750
0.984
0.578
MS9168-04
0.625
0.875
0.359
0.703
MS9168-43
1.250
0.875
0.984
0.703
MS9168-05
0.625
1.000
0.359
0.828
MS9168-44
1.250
1.000
0.984
0.828
MS9168-06
0.625
1.250
0.359
1.078
MS9168-45
1.250
1.250
0.984
1.078
MS9168-07
0.625
1.500
0.359
1.328
MS9168-46
1.250
1.500
0.984
1.328
MS9168-10
0.750
0.500
0.484
0.328
MS9168-50
1.500
0.500
1.234
0.328
MS9168-11
0.750
0.625
0.484
0.453
MS9168-51
1.500
0.625
1.234
0.453
MS9168-12
0.750
0.750
0.484
0.578
MS9168-52
1.500
0.750
1.234
0.578
MS9168-13
0.750
0.875
0.484
0.703
MS9168-53
1.500
0.875
1.234
0.703
MS9168-14
0.750
1.000
0.484
0.828
MS9168-54
1.500
1.000
1.234
0.828
MS9168-15
0.750
1.250
0.484
1.078
MS9168-55
1.500
1.250
1.234
1.078
MS9168-16
0.750
1.500
0.484
1.328
MS9168-56
1.500
1.500
1.234
1.328
MS9168-20
0.875
0.500
0.609
0.328
MS9168-60
1.750
0.500
1.484
0.328
MS9168-21
0.875
0.625
0.609
0.453
MS9168-61
1.750
0.625
1.484
0.453
MS9168-22
0.875
0.750
0.609
0.578
MS9168-62
1.750
0.750
1.484
0.578
MS9168-23
0.875
0.875
0.609
0.703
MS9168-63
1.750
0.875
1.484
0.703
MS9168-24
0.875
1.000
0.609
0.828
MS9168-64
1.750
1.000
1.484
0.828
MS9168-25
0.875
1.250
0.609
1.078
MS9168-65
1.750
1.250
1.484
1.078
MS9168-26
0.875
1.500
0.609
1.328
MS9168-66
1.750
1.500
1.484
1.328
MS9168-30
1.000
0.500
0.734
0.328
MS9168-70
2.000
0.500
1.734
0.328
MS9168-31
1.000
0.625
0.734
0.453
MS9168-71
2.000
0.625
1.734
0.453
MS9168-32
1.000
0.750
0.734
0.578
MS9168-72
2.000
0.750
1.734
0.578
MS9168-33
1.000
0.875
0.734
0.703
MS9168-73
2.000
0.875
1.734
0.703
MS9168-34
1.000
1.000
0.734
0.828
MS9168-74
2.000
1.000
1.734
0.828
MS9168-35
1.000
1.250
0.734
1.078
MS9168-75
2.000
1.250
1.734
1.078
MS9168-36
1.000
1.500
0.734
1.328
MS9168-76
2.000
1.500
1.734
1.328


Similar Part No. - MS9168

ManufacturerPart #DatasheetDescription
logo
UMPCO, Inc.
MS9165 UMPCO-MS9165 Datasheet
70Kb / 1P
BRACKET, 90째 ANGLE, AMS 6350, .190 BOLT
MS9165-01 UMPCO-MS9165-01 Datasheet
70Kb / 1P
BRACKET, 90째 ANGLE, AMS 6350, .190 BOLT
MS9165-02 UMPCO-MS9165-02 Datasheet
70Kb / 1P
BRACKET, 90째 ANGLE, AMS 6350, .190 BOLT
MS9165-03 UMPCO-MS9165-03 Datasheet
70Kb / 1P
BRACKET, 90째 ANGLE, AMS 6350, .190 BOLT
MS9165-04 UMPCO-MS9165-04 Datasheet
70Kb / 1P
BRACKET, 90째 ANGLE, AMS 6350, .190 BOLT
More results

Similar Description - MS9168

ManufacturerPart #DatasheetDescription
logo
UMPCO, Inc.
AS9230 UMPCO-AS9230 Datasheet
71Kb / 1P
BRACKET-ANGLE 90째, .190 X .312 BOLT
AS9231 UMPCO-AS9231 Datasheet
69Kb / 1P
BRACKET-ANGLE 90째,.190 X .375 BOLT
AS9595 UMPCO-AS9595 Datasheet
71Kb / 2P
BRACKET, ANGLE, 90째, CRES UNS S32100, .190 X .375 BOLT
AS9603 UMPCO-AS9603 Datasheet
70Kb / 2P
BRACKET,, ANGLE 90째, CRES UNS S41000, .190 X .375 BOLT
MS9102 UMPCO-MS9102 Datasheet
71Kb / 1P
BRACKET-ANGLE 90째, .190 X .250 BOLT
MS9104 UMPCO-MS9104 Datasheet
71Kb / 1P
BRACKET-ANGLE 90째, .190 X .375 BOLT
MS9165 UMPCO-MS9165 Datasheet
70Kb / 1P
BRACKET, 90째 ANGLE, AMS 6350, .190 BOLT
MS9166 UMPCO-MS9166 Datasheet
70Kb / 1P
BRACKET, 90째 ANGLE, AMS 6350, .190 X .250 BOLT
MS9167 UMPCO-MS9167 Datasheet
70Kb / 1P
BRACKET, 90째 ANGLE, AMS 6350, .190 X .312 BOLT
MS9229 UMPCO-MS9229 Datasheet
71Kb / 1P
BRACKET-ANGLE 90째, AMS 5504, .190 X .250 BOLT
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com