Electronic Components Datasheet Search
  English  ▼

X  

NAS1713 Datasheet(PDF) 2 Page - UMPCO, Inc.

Part # NAS1713
Description  CLAMP, LOOP-CUSHIONED CENTER MOUNTING
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMPCO [UMPCO, Inc.]
Direct Link  http://www.umpco.com/index.php
Logo UMPCO - UMPCO, Inc.

NAS1713 Datasheet(HTML) 2 Page - UMPCO, Inc.

  NAS1713 Datasheet HTML 1Page - UMPCO, Inc. NAS1713 Datasheet HTML 2Page - UMPCO, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
THIS CATALOG PAGE IS FOR REFERENCE ONLY. REQUEST A
CERTIFIED UMPCO DRAWING FOR ACTUAL SPECIFICATIONS.
ANY CONFLICT BETWEEN THIS DOCUMENT AND THE CERTIFIED
DRAWING, THE CERTIFIED DRAWING WILL TAKE PRECEDENCE.
IF THE DOCUMENT IS CONTROLLED BY ANY OTHER SOURCE
THAN UMPCO, THE CERTIFIED DRAWING MUST BE PURCHASED
THROUGH THAT ORGANIZATION.
UMPCO, INC
CAGE CODE No. 18076
REV
A
07/26/11
NAS1713
CLAMP, LOOP-CUSHIONED
CENTER MOUNTING
PART NUMBER
7100 LAMPSON AVE * PO BOX 5158 * GARDEN GROVE, CA 92846-5158 SALES: (714) 897-3531 * BUS: (714) 897-3536 * FAX: (714) 897-2611
EXAMPLE OF PART NUMBER:
NAS1713 D 7 T X
NOTES
/1/
STANDARD DIAMETER LIMITATIONS:
.250 THRU 1.500 BY .0625 INCREMENTS
1.625 THRU 2.500 BY .125 INCREMENTS
2.750 THRU 4.000 BY .250 INCREMENTS
2.
TEMPERATURE RANGE:
CUSHION:
CHLOROPRENE RUBBER
-40°F TO +212°F
SILICONE RUBBER
-80°F TO +450°F (SHORT DURATION EXCURSIONS TO 500°F)
PTFE
-320°F TO +500°F
FABRIC
+554°F
STRAP:
ALUMINUM ALLOY
-320°F TO +200°F
CRES
-320°F TO +600°F
/3/
CUSHION THICKNESS:
ALL SIZES FABRIC
.062
SIZES THRU –8, RUBBER
.045
SIZES –9 THRU –64, RUBBER,
.062
ALL SIZES PTFE
.020 +.008/-.004
/4/
CLAMP SHALL CHECK TO DIMENSIONS WITH ENDS HELD IN POSITION SHOWN.
5.
METAL STRAP SHALL BE FREE OF BURRS AND SHARP EDGES.
6.
COMPLETE NAS PART NUMBER, AND MANUFACTURER’S IDENTIFICATION SHALL BE MARKED ON EACH CLAMP IN AN AREA NOT
COVERED BY CUSHION OR MOUNTING HARDWARE EXCEPT SIZE –4, WHICH SHALL BE IDENTIFIED BY STRAP MATERIAL, DASH
NUMBER, CUSHION MATERIAL AND MANUFACTURER’S IDENTIFICATION, e.g., D4T XX
7.
DIMENSIONS IN INCHES.
/8/
CUSHION TYPES “A” AND “M” ARE INACTIVE FOR DESIGN AFTER MARCH 31, 1994. SUPERSEDED BY TYPE “Z”. FOR
DESCRIPTION OF STATUS NOTES SEE NAS380.
9.
DIMENSIONING AND TOLERANCING PER ANSI Y14.5M-1982.
/10/
11.
.213 TO .223 DIAMETER OPTION AVAILABLE WHEN SPECIFIED BY PART NUMBER.
UNLESS OTHERWISE SPECIFIED, PART INVENTORY MANUFACTURED TO PREVIOUS REVISIONS OF THE APPLICABLE DRAWING
OR SPECIFICATION MAY BE PROCURED AND USED UNTIL STOCK IS DEPLETED.
12.
13.
14.
TOLERANCES UNLESS OTHERWISE SPECIFIED: 2 PLACES ±.03, 3 PLACES ±.010.
THIS STANDARD TAKES PRECEDENCE OVER DOCUMENTS REFERENCED HEREIN.
REFERENCED DOCUMENTS SHALL BE THE ISSUE IN EFFECT ON DATE OF INVITATIONS FOR BID.
= CLAMP, LOOP, CENTER MOUNTED, .032 ALUMINUM
ALLOY, .4375 DIA, PTFE CUSHION, SODIUM TREATED, .213
TO .223 DIAMETER MOUNTING HOLE
MOUNTING HOLE DIAMETER:
X = .213 TO .223
OMIT CODE = .204
CUSHION:
K = PTFE NATURAL
N = CHLOROPRENE RUBBER
S = SILICONE RUBBER
T = PTFE, SODIUM TREATED
Z = FABRIC, PBI/PTFE IMPREGNATED
DASH NUMBER, D DIA IN .0625 INCREMENTS
MATERIAL:
D = ALUMINUM ALLOY AND THICKNESS PER TABLE I
DT = ALUMINUM ALLOY AND THICKNESS PER TABLE I
C = CRES AND THICKNESS PER TABLE I
CT = CRES AND THICKNESS PER TABLE I
DOCUMENT NUMBER



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com