Electronic Components Datasheet Search
  English  ▼

X  

1KSMB Datasheet(PDF) 2 Page - Shanghai Yint Electronic Co., Ltd

Part # 1KSMB
Description  Transient Voltage Suppression Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YINT [Shanghai Yint Electronic Co., Ltd]
Direct Link  https://www.yint.com.cn/
Logo YINT - Shanghai Yint Electronic Co., Ltd

1KSMB Datasheet(HTML) 2 Page - Shanghai Yint Electronic Co., Ltd

  1KSMB Datasheet HTML 1Page - Shanghai Yint Electronic Co., Ltd 1KSMB Datasheet HTML 2Page - Shanghai Yint Electronic Co., Ltd 1KSMB Datasheet HTML 3Page - Shanghai Yint Electronic Co., Ltd 1KSMB Datasheet HTML 4Page - Shanghai Yint Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Transient Voltage Suppression Diodes
Trustworthy electronic circuit protection expert
Surface Mount – 1000W > 1KSMB Series
www.yint.com.cn
Rev:19.3
2
Electrical Characteristics (TA = 25 °C unless otherwise noted)
I-V Curve Characteristics
Part
Number
(Bi)
Part
Number
(Uni)
MARKING
Reverse
Stand off
Voltage
VR
(Volts)
Breakdown
Voltage VBR
(Volts)@IT
Test
Curren
t
IT(mA)
Maximum
Reverse
Leakage
IR@ VR(μA)
Maximum
Peak Pulse
Current I pp
(A)
Maximum
Clamping
Voltage VC
@ I pp (V)
BI
UNI
Min .V
Max .V
1.0SMB6.8CA
1.0SMB6.8A
N10A
A10A
5.8
6.46
7.14
10
900
95.2
10.5
1.0SMB7.5CA
1.0SMB7.5A
N10B
A10B
6.4
7.13
7.88
10
400
88.5
11.3
1.0SMB8.2CA
1.0SMB8.2A
N10C
A10C
7.0
7.79
8.61
10
180
82.6
12.1
1.0SMB9.1CA
1.0SMB9.1A
N10D
A10D
7.8
8.65
9.56
1
45
74.6
13.4
1.0SMB10CA
1.0SMB10A
N10E
A10E
8.6
9.50
10.50
1
8
69.0
14.5
1.0SMB11CA
1.0SMB11A
N10F
A10F
9.4
10.45
11.55
1
4
64.1
15.6
1.0SMB12CA
1.0SMB12A
N10G
A10G
10.2
11.40
12.60
1
1
59.9
16.7
1.0SMB13CA
1.0SMB13A
N10H
A10H
11.1
12.35
13.65
1
1
54.9
18.2
1.0SMB15CA
1.0SMB15A
N10I
A10I
12.8
14.25
15.75
1
1
47.2
21.2
1.0SMB16CA
1.0SMB16A
N10J
A10J
13.6
15.20
16.80
1
1
44.4
22.5
1.0SMB18CA
1.0SMB18A
N10K
A10K
15.3
17.10
18.90
1
1
39.7
25.2
1.0SMB20CA
1.0SMB20A
N10L
A10L
17.1
19.00
21.00
1
1
36.1
27.7
1.0SMB22CA
1.0SMB22A
N10M
A10M
18.8
20.90
23.10
1
1
32.7
30.6
1.0SMB24CA
1.0SMB24A
N10N
A10N
20.5
22.80
25.20
1
1
30.1
33.2
1.0SMB27CA
1.0SMB27A
N10O
A10O
23.1
25.65
28.35
1
1
26.7
37.5
1.0SMB30CA
1.0SMB30A
N10P
A10P
25.6
28.50
31.50
1
1
24.2
41.4
1.0SMB33CA
1.0SMB33A
N10Q
A10Q
28.2
31.35
34.65
1
1
21.9
45.7
1.0SMB36CA
1.0SMB36A
N10R
A10R
30.8
34.20
37.80
1
1
20.0
49.9
1.0SMB39CA
1.0SMB39A
N10S
A10S
33.3
37.05
40.95
1
1
18.6
53.9
1.0SMB43CA
1.0SMB43A
N10T
A10T
36.8
40.85
45.15
1
1
16.9
59.3
1.0SMB47CA
1.0SMB47A
N10U
A10U
40.2
44.65
49.35
1
1
15.4
64.8
Symbol
Parameter
IPP
Maximum Reverse Peak
Pulse Current
VC
Clamping Voltage @ IPP
V RWM
Working Peak Reverse
Voltage
I R
Maximum Reverse Leakage
Current @V RWM
V BR
Breakdown Voltage @ IT(Test
Current)
Uni-directional
Bi-directional



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com