Electronic Components Datasheet Search
  English  ▼

X  

1.5SMC Datasheet(PDF) 4 Page - Nantong Hornby Electronic Co.,Ltd

Part # 1.5SMC
Description  SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HORNBY [Nantong Hornby Electronic Co.,Ltd]
Direct Link  http://www.hornby.com.cn
Logo HORNBY - Nantong Hornby Electronic Co.,Ltd

1.5SMC Datasheet(HTML) 4 Page - Nantong Hornby Electronic Co.,Ltd

  1.5SMC Datasheet HTML 1Page - Nantong Hornby Electronic Co.,Ltd 1.5SMC Datasheet HTML 2Page - Nantong Hornby Electronic Co.,Ltd 1.5SMC Datasheet HTML 3Page - Nantong Hornby Electronic Co.,Ltd 1.5SMC Datasheet HTML 4Page - Nantong Hornby Electronic Co.,Ltd 1.5SMC Datasheet HTML 5Page - Nantong Hornby Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
1.5SMC SERIES
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
Maximum Ratings and Electrical Characteristics
Ratings at 25℃ ambient temperature unless otherwise specified.
Single phase, half wave, 60HZ, resistive or inductive load.
For capacitive load, derate current by 20%.
Reverse
Maximum
Maximum
Maximum
Maximum
Stand off
Reverse
Peak Pulse
Clamping
Temperature
Voltage
Leakage at VWM
Current
Voltage at IPPM Coefficient of VBR
IT
VWM
ID ( Note 3 )
IPPM ( Note 2 )
VC
/
Volts ( min. )
Volts ( max. )
mAmps
Volts
uAmps
Amps
Volts
% / °C
1.5SMC62
55.8
68.2
1.0
50.2
5.0
16.9
89.0
0.104
1.5SMC62A
58.9
65.1
1.0
53.0
5.0
17.6
85.0
0.104
1.5SMC68
61.2
74.8
1.0
55.1
5.0
15.3
98.0
0.104
1.5SMC68A
64.6
71.4
1.0
58.1
5.0
16.3
92.0
0.104
1.5SMC75
67.5
82.5
1.0
60.7
5.0
13.9
108
0.105
1.5SMC75A
71.3
78.8
1.0
64.1
5.0
14.6
103
0.105
1.5SMC82
73.8
90.2
1.0
66.4
5.0
12.7
118
0.105
1.5SMC82A
77.9
86.1
1.0
70.1
5.0
13.3
113
0.105
1.5SMC91
81.9
100
1.0
73.7
5.0
11.5
131
0.106
1.5SMC91A
86.5
95.5
1.0
77.8
5.0
12.0
125
0.106
1.5SMC100
90.0
110
1.0
81.0
5.0
10.4
144
0.106
1.5SMC100A
95.0
105
1.0
85.5
5.0
10.9
137
0.106
1.5SMC110
99.0
121
1.0
89.2
5.0
9.5
158
0.107
1.5SMC110A
105
116
1.0
94.0
5.0
9.9
152
0.107
1.5SMC120
108
132
1.0
97.2
5.0
8.7
173
0.107
1.5SMC120A
114
126
1.0
102
5.0
9.1
165
0.107
1.5SMC130
117
143
1.0
105
5.0
8.0
187
0.107
1.5SMC130A
124
137
1.0
111
5.0
8.4
179
0.107
1.5SMC150
135
165
1.0
121
5.0
7.0
215
0.108
1.5SMC150A
143
158
1.0
128
5.0
7.2
207
0.108
1.5SMC160
144
176
1.0
130
5.0
6.5
230
0.108
1.5SMC160A
152
168
1.0
136
5.0
6.8
219
0.108
1.5SMC170
153
187
1.0
138
5.0
6.1
244
0.108
1.5SMC170A
162
179
1.0
145
5.0
6.4
234
0.108
1.5SMC180
162
198
1.0
146
5.0
5.8
258
0.108
1.5SMC180A
171
189
1.0
154
5.0
6.1
246
0.108
1.5SMC200
180
220
1.0
162
5.0
5.2
287
0.108
1.5SMC200A
190
210
1.0
171
5.0
5.5
274
0.108
1.5SMC220
198
242
1.0
175
5.0
4.4
344
0.108
1.5SMC220A
209
231
1.0
185
5.0
4.6
328
0.108
1.5SMC250
225
275
1.0
202
5.0
4.2
360
0.110
1.5SMC250A
237
263
1.0
214
5.0
4.4
344
0.110
1.5SMC300
270
330
1.0
243
5.0
3.5
430
0.110
1.5SMC300A
285
315
1.0
256
5.0
3.6
414
0.110
1.5SMC350
315
385
1.0
284
5.0
3.0
504
0.110
1.5SMC350A
333
368
1.0
300
5.0
3.1
482
0.110
1.5SMC400
360
440
1.0
324
5.0
2.6
574
0.110
1.5SMC400A
380
420
1.0
342
5.0
2.7
548
0.110
1.5SMC440
396
484
1.0
356
5.0
2.4
631
0.110
1.5SMC440A
418
462
1.0
376
5.0
2.5
602
0.110
NOTES:
1- Pulse test: tp ≤ 50ms
2- Surge current waveform per Fig. 3 and derated per Fig. 2
3- For bidirectional types having VWM of 10 volts and less, the ID limit is doubled
4- All terms and symbols are consistent with ANSI/IEEE C62.35
Breakdown Voltage
Test Current
Device Type
VBR at IT ( Note 1 )



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com