Electronic Components Datasheet Search
  English  ▼

X  

1FX Datasheet(PDF) 2 Page - Nantong Hornby Electronic Co.,Ltd

Part # 1FX
Description  MINIATURE FAST RECOVERY RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HORNBY [Nantong Hornby Electronic Co.,Ltd]
Direct Link  http://www.hornby.com.cn
Logo HORNBY - Nantong Hornby Electronic Co.,Ltd

1FX Datasheet(HTML) 2 Page - Nantong Hornby Electronic Co.,Ltd

  1FX Datasheet HTML 1Page - Nantong Hornby Electronic Co.,Ltd 1FX Datasheet HTML 2Page - Nantong Hornby Electronic Co.,Ltd 1FX Datasheet HTML 3Page - Nantong Hornby Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
1F1 THRU 1F7
MINIATURE FAST RECOVERY RECTIFIER
REVERSE VOLTAGE:
50 to 1000 VOLTS
FORWARD CURRENT:
1.0 AMPERE
FEATURES
· High current capability
R-1
· 1.0 ampere operation at TA=55℃ with no
thermal runaway.
· Fast switching for high efficiency
· Exceeds environmental standards of MIL-S-19500/228
· Low leakage.
MECHANICAL DATA
Case: Molded plastic, R-1
Epoxy: UL 94V-O rate flame retardant
Lead: Axial leads, solderable per MIL-STD-202,
method 208 guaranteed
Polarity: Color band denotes cathode end
Mounting position: Any
Weight: 0.0064ounce, 0.181gram
Maximum Ratings and Electrical Characteristics
Ratings at 25℃ ambient temperature unless otherwise specified.
Single phase, half wave, 60HZ, resistive or inductive load.
For capacitive load, derate current by 20%.
Symbols
1F1
1F2
1F3
1F4
1F5
1F6
1F7
Units
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
Volts
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
Volts
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
Volts
Maximum Average Forward Rectified Current
.375"(9.5mm) Lead Length at TA=25℃
Peak Forward Surge Current,
8.3ms single half-sine-wave
superimposed on rated load (JEDEC method)
Maximum Forward Voltage
at 1.0A DC and 25℃
Maximum Reverse Current
at TA=25℃
at Rated DC Blocking Voltage
TA=100℃
Typical Junction Capacitance (Note 1)
CJ
pF
Typical Thermal Resistance (Note 2)
RθJA
℃/W
Maximum Reverse Recovery Time (Note 3)
TRR
250
nS
Operating and Storage Temperature Range
TJ,Tstg
℃
NOTES:
1- Measured at 1 MHZ and applied reverse voltage of 4.0 VDC.
2- Thermal Resistance From Junction to Ambient 0.375"(9.5mm) lead length P.C.B. Mounted with 0.22x0.22" (5.5x5.5mm) copper pads.
3- Reverse Recovery Test Conditions:IF=.5A,IR=1A,IRR=.25A.
-55 to +150
5.0
50
12
67
150
500
Dimensions in inches and (millimeters)
I(AV)
IFSM
VF
1.0
25
IR
Amp
Amp
Volts
uAmp
1.3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com