Electronic Components Datasheet Search
  English  ▼

X  

DB6 Datasheet(PDF) 2 Page - Nantong Hornby Electronic Co.,Ltd

Part # DB6
Description  BI-DIRECTIONAL DIACS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HORNBY [Nantong Hornby Electronic Co.,Ltd]
Direct Link  http://www.hornby.com.cn
Logo HORNBY - Nantong Hornby Electronic Co.,Ltd

DB6 Datasheet(HTML) 2 Page - Nantong Hornby Electronic Co.,Ltd

  DB6 Datasheet HTML 1Page - Nantong Hornby Electronic Co.,Ltd DB6 Datasheet HTML 2Page - Nantong Hornby Electronic Co.,Ltd DB6 Datasheet HTML 3Page - Nantong Hornby Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DB3 THRU DB6
BI-DIRECTIONAL DIACS
BREAKDOWN VOLTAGE
32/40/60VOLTS
LOW BREAKOVER CURREN
FEATURES
FEATURES
· Low breakover current at breakover voltage.
· For use in thyristor phase-control circuit for lampdimming,
DO-41
universal-motor speed control and heat controls.
MECHANICAL DATA
* Case: Molded plastic, DO-41
* Epoxy: UL 94V-O rate flame retardant
* Lead: Axial leads, solderable per MIL-STD-202,
method 208 guaranteed
* Polarity: Color band denotes cathode end
* Mo nting position: An
* Mounting position: Any
* Weight: 0.012ounce, 0.33gram
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Ratings at 25℃ ambient temperature unless otherwise specified.
DB4
35
40
UNITS
VOLT
Min
PARAMETERS
Breakover Voltage
SYMBOL
DB3
DB6
56
60
+VBO VBO
28
32
40
45
3
5
100
Typ
Max
uA
Max
Breakover Voltage
Breakover Voltage Symmetry
10
VOLT
Max
Breakover Current
+IBO, -IBO
VOLT
Min
100
Dynamic Breakback Voltage
100
60
70
4
+VBO, -VBO
│(+VBO)-(-VBO)│
‖VBO - VBR‖
32
36
3
5
Note :
1- TL = Lead temperature at 5.0 mm2 ( 0.013 mm thick ) copper land areas.
1.6
2.0
2.0
Max
Peak Pulse Current for 10uS,
120pps, TA<=40℃
IP
AMP
Max



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com