Electronic Components Datasheet Search
  English  ▼

X  

SMD Datasheet(PDF) 1 Page - DATEL, Inc.

Part # SMD
Description  SMD Analog-to-Digital Converters
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATEL [DATEL, Inc.]
Direct Link  http://www.datel.com/
Logo DATEL - DATEL, Inc.

SMD Datasheet(HTML) 1 Page - DATEL, Inc.

  SMD Datasheet HTML 1Page - DATEL, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DATEL Innovation & Excellence
DATEL | 120 Forbes Blvd., Suite 125 Mansfield, MA 02048 | Phone: +1-508-964-5131 | www.datel.com
SMD Analog-to-Digital Converters
DATEL offers many Analog to Digital Converter products as Standard Microcircuit Drawing (SMD) models
that are under the supervision of the Defense Logistic Agency (DLA). DATEL has been an SMD supplier for over
three decades. DATEL's products have constantly met the specified performance, quality, and reliability levels
via the Depertmant of Defense Product Qualification Program. These SMD products have proven to be reliable
solutions for the industry’s most challenging application requirements.
We work closely with our defense and Hi-Rel customers to provide fully qualified components to meet their
specific and stringent application requirements, including hermetically sealed products that are fabricated and
fully tested in our MIL-PRF-38534 certified facility.If our standard product offering is not the right fit for your
application, our experienced staff welcomes the opportunity to demonstrate how we can help resolve your
analog challenges.
Please contact DATEL if you are in need for an SMD product that is not listed on our website.
Results 1 - 4 of 4
Part Number
Resolution
Sampling
Rate
Power
Consumption
Operating Temp. Range
(min)
Operating Temp. Range
(max)
RoHS
5962-
8850801XA
12 Bit
N/A
N/A
-55 ºC
+125 ºC
No
5962-
8850801XC
12 Bit
N/A
N/A
-55 ºC
+125 ºC
No
5962-
8850802XA
12 Bit
N/A
N/A
-55 ºC
+125 ºC
No
5962-
8850802XC
12 Bit
N/A
N/A
-55 ºC
+125 ºC
No
Results 1 - 4 of 4
© DATEL is a registered trademark of DATEL, Inc.
9/4/2019 | Page 1 of 1


Similar Part No. - SMD

ManufacturerPart #DatasheetDescription
logo
AEL Crystals Ltd
SMD AEL-SMD Datasheet
85Kb / 1P
2.5 x 2.0mm SMD Crystal Resonator
logo
TAITRON Components Inco...
SMD TAITRON-SMD Datasheet
195Kb / 1P
SMD Zener
logo
Shanghai Leiditech Elec...
SMD LEIDITECH-SMD Datasheet
391Kb / 8P
Surface-mount Devices
logo
WAGO Kontakttechnik Gmb...
SMD WAGO-SMD Datasheet
1,015Kb / 8P
SMD Terminal Blocks
06/2014
logo
TXC Corporation.
SMD HC-49S TXC-SMD HC-49S Datasheet
385Kb / 1P
SMD HC-49S
More results

Similar Description - SMD

ManufacturerPart #DatasheetDescription
logo
DATEL, Inc.
DAC-HF12BMM DATEL-DAC-HF12BMM Datasheet
115Kb / 1P
Digital-to-Analog Converters
DAC-HF12BMC DATEL-DAC-HF12BMC Datasheet
115Kb / 1P
Digital-to-Analog Converters
DAC-HF10BMM-C DATEL-DAC-HF10BMM-C Datasheet
115Kb / 1P
Digital-to-Analog Converters
DAC-88ME-C DATEL-DAC-88ME-C Datasheet
116Kb / 1P
Digital-to-Analog Converters
DAC-88ME-2 DATEL-DAC-88ME-2 Datasheet
116Kb / 1P
Digital-to-Analog Converters
DAC-88ME DATEL-DAC-88ME Datasheet
116Kb / 1P
Digital-to-Analog Converters
DAC-HK12BGC-2 DATEL-DAC-HK12BGC-2 Datasheet
116Kb / 1P
Digital-to-Analog Converters
DAC-HF12BMM-QL DATEL-DAC-HF12BMM-QL Datasheet
116Kb / 1P
Digital-to-Analog Converters
DAC-HF8BMM-C DATEL-DAC-HF8BMM-C Datasheet
116Kb / 1P
Digital-to-Analog Converters
DAC-HF8BMM DATEL-DAC-HF8BMM Datasheet
115Kb / 1P
Digital-to-Analog Converters
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com