Electronic Components Datasheet Search
  English  ▼

X  

P6SMB100 Datasheet(PDF) 2 Page - Nantong Hornby Electronic Co.,Ltd

Part # P6SMB100
Description  SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HORNBY [Nantong Hornby Electronic Co.,Ltd]
Direct Link  http://www.hornby.com.cn
Logo HORNBY - Nantong Hornby Electronic Co.,Ltd

P6SMB100 Datasheet(HTML) 2 Page - Nantong Hornby Electronic Co.,Ltd

  P6SMB100 Datasheet HTML 1Page - Nantong Hornby Electronic Co.,Ltd P6SMB100 Datasheet HTML 2Page - Nantong Hornby Electronic Co.,Ltd P6SMB100 Datasheet HTML 3Page - Nantong Hornby Electronic Co.,Ltd P6SMB100 Datasheet HTML 4Page - Nantong Hornby Electronic Co.,Ltd P6SMB100 Datasheet HTML 5Page - Nantong Hornby Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
P6SMB SERIES
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
REVERSE VOLTAGE:
6.8 to 440 VOLTS
PEAK PULSE POWER:
600 WATTS
FEATURES
· Plastic package has Underwriters Laboratory
DO-214AA(SMB)
Flammability Classification 94V-0
· 600W peak pulse power capability on 10/1000µs
waveform, repetition rate (duty cycle): 0.01%
(25.4) 1.0
· Excellent clamping capability
MIN
· Low incremental surge resistance
· Very fast response time
(9.5) .375
MECHANICAL DATA
(7.2) .285
Case: Molded plastic, DO-214AA(SMB)
.210 (5.3)
Terminals: Axial leads, solderable per MIL-STD-750,
(25.4) 1.0
.190 (4.8)
method 2026 guaranteed
MIN
Polarity: Color band denotes cathode except bipolar
Packaging: 12mm tape per EIA STD RS-481
Weight: 0.003 ounce, 0.093 gram
Maximum Ratings and Electrical Characteristics
Ratings at 25℃ ambient temperature unless otherwise specified.
Single phase, half wave, 60HZ, resistive or inductive load.
For capacitive load, derate current by 20%.
Peak power dissipation with a 10/1000µs waveform (Note 1 , 2) (Fig. 1)
Peak pulse current with a 10/1000µs waveform (Note 1) (Fig. 3)
Power dissipation on infinite heatsink, TA = 50°C
Peak forward surge current, 8.3ms
single half sine-wave unidirectional only (Note 2)
Maximum instantaneous forward voltage
at 50A for unidirectional only (Note 4)
Thermal resistance junction to leads
Thermal resistance junction to ambient air (Note 3)
Operating junction and storage temperature range
NOTES:
1- Non-repetitive current pulse, per Fig.3 and derated above TA = 25°C per Fig. 2.
2- Mounted on 0.2 x 0.2” (5.0 x 5.0mm) copper pads to each terminal
3- Mounted on minimum recommended pad layout
4- VF = 3.5V for P6SMB200(A) & below; VF = 5.0V for P6SMB220(A) & above
Devices for Bidirectional Applications:
1- For bi-directional, use C or CA suffix for types P6SMB6.8 thru types P6SMB440A(e.g. P6SMB6.8C, P6SMB440CA).
2- Electrical characteristics apply in both directions.
VF
3.5/5.0
Volts
Dimensions in inches and (millimeters)
IFSM
100
Symbols
PPPM
IPPM
PM(AV)
RθJL
RθJA
TJ,Tstg
Units
Watts
Amp
Watts
Amp
℃/W
℃/W
℃
Limit
Minimum 600
See Next Table
20
100
–55 to +150
5.0



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com