Electronic Components Datasheet Search
  English  ▼

X  

TS13003CT Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TS13003CT
Description  High Voltage NPN Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS13003CT Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TS13003CT Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS13003CT Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS13003CT Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TS13003
1-3
2003/12 rev. A
TS13003
High Voltage NPN Transistor
Pin assignment:
1. Emitter
2. Collector
3. Emitter
BVCEO = 400V
BVCBO = 700V
Ic = 1.5A
VCE (SAT), = 0.8V @ Ic / Ib = 0.5A / 0.1A
Features
High voltage.
High speed switching
Structure
Silicon triple diffused type.
NPN silicon transistor
Ordering Information
Part No.
Packing
Package
TS13003CT
TO-92
TS13003CK
Bulk
TO-126
Absolute Maximum Rating (Ta = 25
oC unless otherwise noted)
Parameter
Symbol
Limit
Unit
Collector-Base Voltage
VCBO
700V
V
Collector-Emitter Voltage
VCEO
400V
V
Emitter-Base Voltage
VEBO
9
V
DC
1.5
Collector Current
Pulse
IC
3
A
TO-92
0.6
Collector Power Dissipation
TO-126
PD
20
W
Operating Junction Temperature
TJ
+150
oC
Operating Junction and Storage Temperature Range
TSTG
- 55 to +150
oC
Note: 1. Single pulse, Pw = 5mS, Duty <= 10%
Electrical Characteristics
Ta = 25
oC unless otherwise noted
Parameter
Conditions
Symbol
Min
Typ
Max
Unit
Static
Collector-Base Voltage
IC = 5mA, IB = 0
BVCBO
700
V
Collector-Emitter Breakdown Voltage
IC = 5mA, IE = 0
BVCEO
400
V
Emitter-Base Breakdown Voltage
IE = 1mA, IC = 0
BVEBO
9
V
Collector Cutoff Current
VCB = 700V, IE = 0
ICBO
100
uA
Emitter Cutoff Current
VEB = 9V, IC = 0
IEBO
10
uA
Collector-Emitter Saturation Voltage
IC / IB = 1.5A / 0.5A
IC / IB = 0.5A / 0.1A
VCE(SAT)1
VCE(SAT)2
3
0.5
V
DC Current Gain
VCE = 2V, IC = 0.5A
hFE
8
40
Frequency
VCE = 10V, IC = 0.1A
fT
4
MHz
Output Capacitance
VCB = 10V, f = 0.1MHz
Cob
21
pF
Turn On Time
tON
1.1
uS
Storage Time
tSTG
4
uS
Fall Time
VCC = 125V, IC = 1A,
IB1 = 0.2A, IB2 = - 0.2A,
RL = 125ohm
tf
0.7
uS
Note : pulse test: pulse width <=5mS, duty cycle <=10%
TO-126


Similar Part No. - TS13003CT

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS13003CT TSC-TS13003CT Datasheet
336Kb / 6P
High Voltage NPN Transistor
TS13003CTA3 TSC-TS13003CTA3 Datasheet
176Kb / 6P
High Voltage NPN Transistor
TS13003CTA3 TSC-TS13003CTA3 Datasheet
157Kb / 5P
High Voltage NPN Transistor
TS13003CTA3G TSC-TS13003CTA3G Datasheet
176Kb / 6P
High Voltage NPN Transistor
TS13003CTA3G TSC-TS13003CTA3G Datasheet
157Kb / 5P
High Voltage NPN Transistor
More results

Similar Description - TS13003CT

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
MMBT5550 SAMSUNG-MMBT5550 Datasheet
74Kb / 2P
NPN (HIGH VOLTAGE TRANSISTOR)
logo
Taiwan Semiconductor Co...
TS13003HV TSC-TS13003HV Datasheet
51Kb / 3P
High Voltage NPN Transistor
TS13007 TSC-TS13007 Datasheet
39Kb / 2P
High Voltage NPN Transistor
logo
Unisonic Technologies
2SC5353B UTC-2SC5353B Datasheet
246Kb / 4P
HIGH VOLTAGE NPN TRANSISTOR
logo
Taiwan Semiconductor Co...
TSC742A TSC-TSC742A Datasheet
409Kb / 6P
High Voltage NPN Transistor
logo
Unisonic Technologies
PZTA44 UTC-PZTA44_12 Datasheet
112Kb / 4P
NPN HIGH VOLTAGE TRANSISTOR
logo
Taiwan Semiconductor Co...
TS13003A TSC-TS13003A_14 Datasheet
388Kb / 5P
High Voltage NPN Transistor
logo
Unisonic Technologies
PZTA45 UTC-PZTA45_15 Datasheet
112Kb / 4P
NPN HIGH VOLTAGE TRANSISTOR
logo
Nanjing International G...
PZTA44G DGNJDZ-PZTA44G Datasheet
118Kb / 4P
NPN HIGH VOLTAGE TRANSISTOR TRANSISTOR
logo
Nexperia B.V. All right...
MMBTA42-Q NEXPERIA-MMBTA42-Q Datasheet
181Kb / 7P
NPN high-voltage transistor
9 August 2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com