Electronic Components Datasheet Search
  English  ▼

X  

WLFI2012 Datasheet(PDF) 2 Page - WALSIN TECHNOLOGY CORPORATION

Part # WLFI2012
Description  Ferrite Chip Inductors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

WLFI2012 Datasheet(HTML) 2 Page - WALSIN TECHNOLOGY CORPORATION

  WLFI2012 Datasheet HTML 1Page - WALSIN TECHNOLOGY CORPORATION WLFI2012 Datasheet HTML 2Page - WALSIN TECHNOLOGY CORPORATION WLFI2012 Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION WLFI2012 Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION WLFI2012 Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION WLFI2012 Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION WLFI2012 Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Approval Sheet
Page 2 of 7
ASC_ WLFI2012 Series
SEP - 2017
FEATURES
1.
General purpose chip ferrite power inductor for high integration electronics device.
2.
Ceramic structure provides high reliability、high productivity.
3.
RoHS compliance.
APPLICATIONS
1.
EMI solution for I/O ports.
2.
RF choke for DC power supplying to LNA or external antenna.
SHAPE and DIMENSION
Ordering Information
WL
FI
2012
Z0
M
R22
T
B
Product
Code
Series
Dimensions
Series
extension
Tolerance
Value
Packing
Code
WL:
Inductor
FI : Ferrite
Chip Inductor
2.0 * 1.2 mm
2012 :EIA 0805
Z0 :STD
M:
±20%
R22 = 0.22 uH
2R2 = 2.2 uH
100 = 10 uH
T = 7"
Paper Tape
P = 7”
Plastic Tape
B:STD
Chip Size
A
2.00±0.20
B
1.25±0.20
C
0.85±0.20
1.25±0.20
D
0.50±0.30
Units: mm



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com