Electronic Components Datasheet Search
  English  ▼

X  

20ETF02 Datasheet(PDF) 6 Page - International Rectifier

Part # 20ETF02
Description  FAST SOFT RECOVERY RECTIFIER DIODE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

20ETF02 Datasheet(HTML) 6 Page - International Rectifier

  20ETF02 Datasheet HTML 1Page - International Rectifier 20ETF02 Datasheet HTML 2Page - International Rectifier 20ETF02 Datasheet HTML 3Page - International Rectifier 20ETF02 Datasheet HTML 4Page - International Rectifier 20ETF02 Datasheet HTML 5Page - International Rectifier 20ETF02 Datasheet HTML 6Page - International Rectifier 20ETF02 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6
20ETF..
QUIETIR Series
Bulletin I2109 rev. B 03/99
www.irf.com
Outline Table
Ordering Information Table
Dimensions in millimeters and inches
20
E
T
F
06
Device Code
1
5
24
3
1
-
Current Rating
2
-
Circuit Configuration:
E = Single Diode
3
-
Package:
T = TO-220AC
4
-
Type of Silicon:
F = Fast diode
5
-
Voltage code: Code x 100 = V
RRM
02 = 200V
04 = 400V
06 = 600V
1
CATHODE
ANODE
3
2
BASE
CATHODE
3.78 (0.15)
3.54 (0.14)
10.54 (0.41)
MAX.
DIA.
15.24 (0.60)
14.84 (0.58)
2.92 (0.11)
2.54 (0.10)
1
TERM 2
14.09 (0.55)
13.47 (0.53)
3.96 (0.16)
3.55 (0.14)
0.94 (0.04)
0.69 (0.03)
4.57 (0.18)
4.32 (0.17)
3
0.61 (0.02) MAX.
5.08 (0.20) REF.
1.32 (0.05)
1.22 (0.05)
6.48 (0.25)
6.23 (0.24)
2°
0.10 (0.004)
1.40 (0.05)
1.15 (0.04)
2.89 (0.11)
2.64 (0.10)
1
3
2.04 (0.080) MAX.
2



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com