Electronic Components Datasheet Search
  English  ▼

X  

ADN2525 Datasheet(PDF) 3 Page - Analog Devices

Part # ADN2525
Description  10.7 Gbps Active Back-Termination, Differential Laser Diode Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN2525 Datasheet(HTML) 3 Page - Analog Devices

  ADN2525 Datasheet HTML 1Page - Analog Devices ADN2525 Datasheet HTML 2Page - Analog Devices ADN2525 Datasheet HTML 3Page - Analog Devices ADN2525 Datasheet HTML 4Page - Analog Devices ADN2525 Datasheet HTML 5Page - Analog Devices ADN2525 Datasheet HTML 6Page - Analog Devices ADN2525 Datasheet HTML 7Page - Analog Devices ADN2525 Datasheet HTML 8Page - Analog Devices ADN2525 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
ADN2525
Rev. 0 | Page 3 of 16
SPECIFICATIONS
VCC = VCCMIN to VCCMAX, TA = −40°C to +85°C, 50 Ω differential load resistance, unless otherwise noted.
Typical values are specified at 25°C, IMOD = 40 mA.
Table 1.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
BIAS CURRENT (IBIAS)
Bias Current Range
10
100
mA
Bias Current while ALS Asserted
100
µA
ALS = high
Compliance Voltage1
0.6
VCC – 1.2
V
IBIAS = 100 mA
0.6
VCC – 0.8
V
IBIAS = 10 mA
MODULATION CURRENT (IMODP, IMODN)
Modulation Current Range
10
80
mA diff
RLOAD = 5 Ω to 50 Ω differential
Modulation Current while ALS Asserted
0.5
mA diff
ALS = high
Rise Time (20% to 80%)2, 3
24
32.5
ps
Fall Time (20% to 80%)
2
,
3
24
32.5
ps
Random Jitter
2
,
3
0.4
0.9
ps rms
Deterministic Jitter3, 4
7.2
12
ps p-p
Differential |S22|
−10
dB
5 GHz < F < 10 GHz, Z0 = 50 Ω differential
−14
dB
F < 5 GHz, Z0 = 50 Ω differential
Compliance Voltage
1
VCC − 1.1
VCC + 1.1
V
DATA INPUTS (DATAP, DATAN)
Input Data Rate
10.7
Gbps
NRZ
Differential Input Swing
0.4
1.6
V p-p diff
Differential ac-coupled
Differential |S11|
−16.8
dB
F < 10 GHz, Z0 = 100 Ω differential
Input Termination Resistance
85
100
115
Ω
Differential
BIAS CONTROL INPUT (BSET)
BSET Voltage to IBIAS Gain
75
100
120
mA/V
BSET Input Resistance
800
1000
1200
Ω
MODULATION CONTROL INPUT (MSET)
MSET Voltage to IMOD Gain
70
88
110
mA/V
See Figure 29
MSET Input Resistance
800
1000
1200
Ω
BIAS MONITOR (IBMON)
IBMON to IBIAS Ratio
10
µA/mA
Accuracy of IBIAS to IBMON Ratio
−5.0
+5.0
%
10 mA
≤ IBIAS < 20 mA, R
IBMON
= 1 kΩ
−4.0
+4.0
%
20 mA
≤ IBIAS < 40 mA, R
IBMON
= 1 kΩ
−2.5
+2.5
%
40 mA
≤ IBIAS < 70 mA, R
IBMON
= 1 kΩ
−2
+2
%
70 mA
≤ IBIAS < 100 mA, R
IBMON
= 1 kΩ
AUTOMATIC LASER SHUTDOWN (ALS)
VIH
2.4
V
VIL
0.8
V
IIL
−20
+20
µA
IIH
0
200
µA
ALS Assert Time
10
µs
Rising edge of ALS to fall of IBIAS and IMOD below
10% of nominal; see Figure 2
ALS Negate Time
10
µs
Falling edge of ALS to rise of IBIAS and IMOD above
90% of nominal; see Figure 2
POWER SUPPLY
VCC
3.07
3.3
3.53
V
ICC5
39
45
mA
VBSET = VMSET = 0 V
ISUPPLY6
157
176
mA
VBSET = VMSET = 0 V. ISUPPLY = ICC + IMODP + IMODN
1 Refers to the voltage between the pin for which the compliance voltage is specified and GND.
2 The pattern used is composed by a repetitive sequence of eight 1s followed by eight 0s at 10.7 Gbps.
3 Measured using the high speed characterization circuit shown in Figure 3.
4 The pattern used is K28.5 (00111110101100000101) at 10.7 Gbps rate.
5 Only includes current in the ADN2525 VCC pins.
6 Includes current in ADN2525 VCC pins and dc current in IMODP and IMODN pull-up inductors. See the
section for total supply current calculation.
Power Consumption



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com