Electronic Components Datasheet Search
  English  ▼

X  

HSM102 Datasheet(PDF) 2 Page - Nantong Hornby Electronic Co.,Ltd

Part # HSM102
Description  SURFACE MOUNT HIGH EFFICIENCY RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HORNBY [Nantong Hornby Electronic Co.,Ltd]
Direct Link  http://www.hornby.com.cn
Logo HORNBY - Nantong Hornby Electronic Co.,Ltd

HSM102 Datasheet(HTML) 2 Page - Nantong Hornby Electronic Co.,Ltd

  HSM102 Datasheet HTML 1Page - Nantong Hornby Electronic Co.,Ltd HSM102 Datasheet HTML 2Page - Nantong Hornby Electronic Co.,Ltd HSM102 Datasheet HTML 3Page - Nantong Hornby Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
HSM101 THRU HSM108
SURFACE MOUNT HIGH EFFICIENCY RECTIFIER
REVERSE VOLTAGE:
50 to 1000 VOLTS
FORWARD CURRENT:
1.0 AMPERE
FEATURES
· Plastic package has Underwriters Laboratory
MELF
Flammability Classification 94V-O
· For surface mounted applications
· High temperature metallurgically bonded construction
· Fast switching for high efficiency
· Cavity-free glass passivated junction
· Capable of meeting environmental standards
(5.2) .205
of MIL-S-19500
(4.1) .160
· High temperature soldering : 250°C /10 seconds at terminals
.107 (2.7)
MECHANICAL DATA
(25.4) 1.0
.080 (2.0)
Case: Molded plastic, MELF
MIN
Epoxy: UL 94V-O rate flame retardant
Terminals: Solder plated, solderable per MIL-STD-750,
method 208 guaranteed
Polarity: Color band denotes cathode end
Mounting position: Any
Weight: 0.005 ounce, 0.12 gram
Maximum Ratings and Electrical Characteristics
Ratings at 25℃ ambient temperature unless otherwise specified.
Single phase, half wave, 60HZ, resistive or inductive load.
For capacitive load, derate current by 20%.
Symbols HSM101 HSM102 HSM103 HSM104 HSM105 HSM106 HSM107 HSM108
Units
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
300
400
600
800
1000
Volts
Maximum RMS Voltage
VRMS
35
70
140
210
280
420
560
700
Volts
Maximum DC Blocking Voltage
VDC
50
100
200
300
400
600
800
1000
Volts
Maximum Average Forward Rectified Current
at TA=50℃
Peak Forward Surge Current,
8.3ms single half-sine-wave
superimposed on rated load (JEDEC method)
Maximum Forward Voltage at 1.0A and TA=25℃
VF
Volts
Maximum Reverse Current
at TA=25℃
at Rated DC Blocking Voltage
TA=125℃
Typical Junction Capacitance (Note 1)
CJ
pF
Typical Thermal Resistance (Note 2)
RθJA
nS
Typical Thermal Resistance (Note 3)
RθJT
Maximum Reverse Recovery Time (Note 4)
TRR
℃/W
Operating and Storage Temperature Range
TJ,Tstg
℃
NOTES:
1- Measured at 1 MHZ and applied reverse voltage of 4.0 VDC.
2- Thermal resistance from junction to ambient, 0.24 x 0.24” (6.0 x 6.0mm) copper pads to each terminal
3- Thermal resistance from junction to terminal, 0.24 x 0.24” (6.0 x 6.0mm) copper pads to each terminal
4- Reverse Recovery Test Conditions:IF=0.5A, IR=1.0A, IRR=0.25A
IR
1.0
30
5.0
I(AV)
IFSM
1.3
Amp
Amp
μAmp
100
Dimensions in inches and (millimeters)
1.7
15
1.0
60
-55 to +175
30
50
75
12



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com