Electronic Components Datasheet Search
  English  ▼

X  

MBR16200 Datasheet(PDF) 2 Page - Nantong Hornby Electronic Co.,Ltd

Part # MBR16200
Description  SCHOTTKY BARRIER RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HORNBY [Nantong Hornby Electronic Co.,Ltd]
Direct Link  http://www.hornby.com.cn
Logo HORNBY - Nantong Hornby Electronic Co.,Ltd

MBR16200 Datasheet(HTML) 2 Page - Nantong Hornby Electronic Co.,Ltd

  MBR16200 Datasheet HTML 1Page - Nantong Hornby Electronic Co.,Ltd MBR16200 Datasheet HTML 2Page - Nantong Hornby Electronic Co.,Ltd MBR16200 Datasheet HTML 3Page - Nantong Hornby Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MBR1635 THRU MBR16200
SCHOTTKY BARRIER RECTIFIER
REVERSE VOLTAGE:
35 to 200 VOLTS
FORWARD CURRENT:
16.0 AMPERE
FEATURES
· Plastic package has Underwriters Laboratory
TO-220A
Flammability Classifications 94V-0
· Metal silicon junction, majority carrier conduction
· Guard ring for overvoltage protection
· Low power loss, high efficiency
· For use in low voltage,high frequency inverters,free
whelling,and polarity protection applications
· High temperature soldering guaranteed:
250°C/10 seconds, 0.25" (6.35mm) from case
MECHANICAL DATA
Case: Molded plastic, TO-220A
Epoxy: UL 94V-O rate flame retardant
Terminals: Leads solderable per MIL-STD-202
method 208 guaranteed
Polarity: As marked
Mounting position: Any
Dimensions in inches and (millimeters)
Weight: 0.08ounce, 2.24gram
Maximum Ratings and Electrical Characteristics
Ratings at 25℃ ambient temperature unless otherwise specified.
Single phase, half wave, 60HZ, resistive or inductive load.
For capacitive load, derate current by 20%.
Symbols
MBR1635
MBR1645
MBR1650
MBR1660
MBR1680 MBR16100 MBR16150 MBR16200
Units
Maximum Recurrent Peak Reverse Voltage
VRRM
35
45
50
60
80
100
150
200
Volts
Maximum RMS Voltage
VRMS
24
31
35
42
56
70
105
140
Volts
Maximum DC Blocking Voltage
VDC
35
45
50
60
80
100
150
200
Volts
Maximum Average Forward Rectified Current
See Fig. 1
Peak repetitive forward current at TC = 125°C
(rated VR, sq. wave, 20 KHz)
Peak Forward Surge Current,
8.3ms single half-sine-wave
superimposed on rated load (JEDEC method)
Peak repetitive reverse current at tp = 2.0µs, 1KHz
IRRM
Amp
Maximum Forward
at IF = 16A, TC = 25°C
Voltage (Note 1)
at IF = 16A, TC = 125°C
Maximum Reverse Current
at TC=25℃
at Rated DC Blocking Voltage
TC=125℃
Typical Thermal Resistance
RθJC
℃/W
Operating Temperature Range
TJ
℃
Storage Temperature Range
Tstg
℃
NOTES:
1- Pulse test: 300µs pulse width, 1% duty cycle
VF
IFRM
Amp
0.75
16.0
32.0
0.95
0.75
0.92
0.65
IR
Amp
Amp
Volts
mAmp
I(AV)
IFSM
150
0.5
0.85
0.57
1.0
0.63
0.2
45
30
3.0
-55 to +150
-55 to +150
0.2
30
1.0



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com