Electronic Components Datasheet Search
  English  ▼

X  

HT18G100A500CT Datasheet(PDF) 8 Page - WALSIN TECHNOLOGY CORPORATION

Part # HT18G100A500CT
Description  Halogen Free & RoHS Compliance
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

HT18G100A500CT Datasheet(HTML) 8 Page - WALSIN TECHNOLOGY CORPORATION

Back Button HT18G100A500CT Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION HT18G100A500CT Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION HT18G100A500CT Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION HT18G100A500CT Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION HT18G100A500CT Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION HT18G100A500CT Datasheet HTML 8Page - WALSIN TECHNOLOGY CORPORATION HT18G100A500CT Datasheet HTML 9Page - WALSIN TECHNOLOGY CORPORATION HT18G100A500CT Datasheet HTML 10Page - WALSIN TECHNOLOGY CORPORATION HT18G100A500CT Datasheet HTML 11Page - WALSIN TECHNOLOGY CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Multilayer Ceramic Capacitors
Approval Sheet
Page 8 of 11
ASC_High Temperature Cap_(HT)_026B_AS
Dec. 2018
No.
Item
Test Condition
Requirements
12. Temperature
Cycle
* Conduct the five cycles according to the temperatures and
time.
Step
Temp. (°C)
Time (min.)
1
Min. operating temp. +0/-3
30±3
2
Room temp.
2~3
3
Max. operating temp. +3/-0
30±3
4
Room temp.
2~3
*Before initial measurement (Class II only): To apply de-aging
at 150°C for 1hr then set for 24±2 hrs at room temp .
* Cap. / DF(Q) / I.R. Measurement to be made after de-aging
at 150°C for 1hr then set for 24±2 hrs at room temp .
* No remarkable damage.
* Cap change:
X8G: within ±2.5% or ±0.25pF whichever is larger.
X8R: within ±7.5%
* Q/D.F., I.R. and dielectric strength: To meet initial requirements.
13. Humidity
(Damp Heat)
Steady State
* Test temp.: 40±2°C
* Humidity: 90~95% RH
* Test time: 500+24/-0hrs.
* Before initial measurement (Class II only): To apply de-aging
at 150°C for 1hr then set for 24±2 hrs at room temp .
* Cap. / DF(Q) / I.R. Measurement to be made after de-aging
at 150°C for 1hr then set for 24±2 hrs at room temp .
* No remarkable damage.
* Cap change: X8G: within ±5.0% or ±0.5pF whichever is larger.
X8R: within ±12.5%
* Q/D.F. value:
X8G: Cap
≥30pF, Q≥350; 10pF≤Cap<30pF, Q≥275+2.5C
Cap<10pF; Q
≥200+10C
X8R:
≤7.5%
* I.R.:
≥1G or RxC≥50 -F whichever is smaller.
14. Humidity
(Damp Heat)
Load
* Test temp.: 40±2°C
* Humidity: 90~95%RH
* Test time: 500+24/-0 hrs.
* To apply voltage:rated voltage
* Before initial measurement (Class II only): To apply de-aging
at 150°C for 1hr then set for 24±2 hrs at room temp .
* Cap. / DF(Q) / I.R. Measurement to be made after de-aging
at 150°C for 1hr then set for 24±2 hrs at room temp .
* No remarkable damage.
* Cap change: X8G: within ±7.5% or ±0.75pF whichever is larger.
X8R: within ±12.5%
* Q/D.F. value:
X8G: Cap
≥30pF, Q≥200; Cap<30pF, Q≥100+10/3C
X8R:
≤7.5%
* I.R.:
≥500M or RxC≥25 -F whichever is smaller.
15. High
Temperature
Load
(Endurance)
* Test temp.:
X8G, X8R: 150±3°C
* To apply voltage: 200% of rated voltage.
* Test time: 1000+24/-0 hrs.
* Before initial measurement (Class II only): To apply de-aging
at 150°C for 1hr then set for 24±2 hrs at room temp .
* Cap. / DF(Q) / I.R. Measurement to be made after de-aging at
150°C for 1hr then set for 24±2 hrs at room temp.
* No remarkable damage.
* Cap change: X8G: within ±3.0% or ±0.3pF whichever is larger.
X8R: within ±12.5%
* Q/D.F. value:
X8G: Cap
≥30pF, Q≥350
10pF
≤Cap<30pF, Q≥275+2.5C
Cap<10pF, Q
≥200+10C
X8R:
≤7.5%
* I.R.:
≥1G or RxC≥50 -F whichever is smaller.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com