Electronic Components Datasheet Search
  English  ▼

X  

GS1AW Datasheet(PDF) 2 Page - Nantong Hornby Electronic Co.,Ltd

Part # GS1AW
Description  SURFACE MOUNT PLASTIC PASSIVATED JUNCTION RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HORNBY [Nantong Hornby Electronic Co.,Ltd]
Direct Link  http://www.hornby.com.cn
Logo HORNBY - Nantong Hornby Electronic Co.,Ltd

GS1AW Datasheet(HTML) 2 Page - Nantong Hornby Electronic Co.,Ltd

  GS1AW Datasheet HTML 1Page - Nantong Hornby Electronic Co.,Ltd GS1AW Datasheet HTML 2Page - Nantong Hornby Electronic Co.,Ltd GS1AW Datasheet HTML 3Page - Nantong Hornby Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
GS1AW THRU GS1MW
SURFACE MOUNT PLASTIC PASSIVATED JUNCTION RECTIFIER
REVERSE VOLTAGE:
50 to 1000 VOLTS
FORWARD CURRENT:
1.0 AMPERE
FEATURES
· Plastic package has Underwriters Laboratory
SMX
Flammability Classification 94V-O
· For surface mounted applications
· Low profile package
· Easy pick and place
· Built-in strain relief
· Low forward voltage drop
· High temperature soldering : 250°C /10 seconds at terminals
MECHANICAL DATA
Case: Molded plastic, SMX
Terminals: Solder plated, solderable per MIL-STD-750,
method 2026 guaranteed
Polarity: Color band denotes cathode end
Packaging: 12mm tape per EIA STD RS-481
Weight: 0.002 ounce, 0.064 gram
Maximum Ratings and Electrical Characteristics
Ratings at 25℃ ambient temperature unless otherwise specified.
Single phase, half wave, 60HZ, resistive or inductive load.
For capacitive load, derate current by 20%.
Symbols
GS1AW
GS1BW
GS1DW
GS1GW
GS1JW
GS1KW
GS1MW
Units
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
Volts
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
Volts
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
Volts
Maximum Average Forward Rectified Current
at TL=75℃
Peak Forward Surge Current,
8.3ms single half-sine-wave
superimposed on rated load (JEDEC method)
Maximum Forward Voltage at 1.0A
VF
Volts
Maximum Reverse Current
at TA=25℃
at Rated DC Blocking Voltage
TA=125℃
Typical Junction Capacitance (Note 1)
CJ
pF
RθJA
℃/W
Maximum Reverse Recovery Time (Note 3)
TRR
μS
Operating Junction Temperature Range
TJ
℃
Storage Temperature Range
Tstg
℃
NOTES:
1- Measured at 1 MHZ and applied reverse voltage of 4.0 VDC.
2- Thermal resistance from junction to ambient mounted on P.C.B. with 0.3 x 0.3” (8.0 x 8.0mm) copper pad areas
3- Reverse Recovery Test Conditions:IF=.5A,IR=1A,IRR=.25A.
-55 to +150
28
12
2.5
Amp
Amp
μAmp
100
1.1
Typical Thermal Resistance (Note 2)
-55 to +150
Dimensions in inches and (millimeters)
IR
1.0
30
5.0
I(AV)
IFSM



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com