Electronic Components Datasheet Search
  English  ▼

X  

MIAD9R Datasheet(PDF) 8 Page - Banner Engineering Corp.

Part # MIAD9R
Description  MINI-BEAM짰 MIAD9 NAMUR Series Sensor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

MIAD9R Datasheet(HTML) 8 Page - Banner Engineering Corp.

Back Button MIAD9R Datasheet HTML 2Page - Banner Engineering Corp. MIAD9R Datasheet HTML 3Page - Banner Engineering Corp. MIAD9R Datasheet HTML 4Page - Banner Engineering Corp. MIAD9R Datasheet HTML 5Page - Banner Engineering Corp. MIAD9R Datasheet HTML 6Page - Banner Engineering Corp. MIAD9R Datasheet HTML 7Page - Banner Engineering Corp. MIAD9R Datasheet HTML 8Page - Banner Engineering Corp. MIAD9R Datasheet HTML 9Page - Banner Engineering Corp. MIAD9R Datasheet HTML 10Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
4-Pin Threaded M12/Euro-Style Cordsets (for use with NAMUR sensors)
Model
Length
Style
Dimensions
Pinout (Female)
MQD9-406RA
1.83 m (6 ft)
Right-Angle
32 Typ.
[1.26"]
30 Typ.
[1.18"]
ø 14.5 [0.57"]
M12 x 1
MQD9-415RA
4.57 m (15 ft)
MQD9-430RA
9.14 m (30 ft)
Brackets
SMB312S
•
Stainless steel 2-axis, side-
mount bracket
46
B
C
A
32
20
A = 4.3 × 7.5, B = diam. 3, C = 3 × 15.3
SMB46U
•
Right-angle
•
U bracket for sensor
protection
•
14-ga. 316 stainless steel
70
54
65
16
A
B
Hole center spacing: A = 16.0
Hole size: A = 16.5 × 18.7, B = 34.0 × 13.0
SMB312B
•
Stainless steel 2-axis,
bottom-mount bracket
•
Includes mounting foot
51
24
23
B
C
A
A = diam. 6.9, B = 4.3 × 10.5, C = 3.1 ×
15.2
SMB18A
•
Right-angle mounting
bracket with a curved slot
for versatile orientation
•
12-ga. stainless steel
•
18 mm sensor mounting
hole
•
Clearance for M4 (#8)
hardware
30
41
46
A
B
C
Hole center spacing: A to B = 24.2
Hole size: A = ø 4.6, B = 17.0 × 4.6, C = ø 18.5
SMB312PD
•
Right-angle mounting
bracket with a curved slot
for versatile orientation
•
12-ga. stainless steel
•
18 mm sensor mounting
hole
•
Clearance for M4 (#8)
hardware
46
41
B
C
A
32
Hole center spacing: A to B = 24.2
Hole size: A = ø 4.6, B = 17 × 4.6, C = ø 18.5
Note: Not for use with plastic fiber optic sensors
SMB18FA..
•
Swivel bracket with tilt and pan
movement for precision
adjustment
•
Easy sensor mounting to
extruded rail T-slots
•
Metric and inch size bolts
available
•
18 mm sensor mounting hole
66
69
A
B
Hole size: B=ø 18.1
Model
Bolt Thread (A)
SMB18FA
3/8 - 16 × 2 in
SMB18FAM10
M10 - 1.5 × 50
SMB18FAM12
n/a; no bolt included. Mounts
directly to 12 mm (½ in) rods
MINI-BEAM® MIAD9 NAMUR Series Sensor
8
www.bannerengineering.com - Tel: +1-763-544-3164
P/N 39616 Rev. L



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com