Electronic Components Datasheet Search
  English  ▼

X  

PIT66U Datasheet(PDF) 4 Page - Banner Engineering Corp.

Part # PIT66U
Description  D10 Expert?™? Dual Discrete Outputs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

PIT66U Datasheet(HTML) 4 Page - Banner Engineering Corp.

  PIT66U Datasheet HTML 1Page - Banner Engineering Corp. PIT66U Datasheet HTML 2Page - Banner Engineering Corp. PIT66U Datasheet HTML 3Page - Banner Engineering Corp. PIT66U Datasheet HTML 4Page - Banner Engineering Corp. PIT66U Datasheet HTML 5Page - Banner Engineering Corp. PIT66U Datasheet HTML 6Page - Banner Engineering Corp. PIT66U Datasheet HTML 7Page - Banner Engineering Corp. PIT66U Datasheet HTML 8Page - Banner Engineering Corp. PIT66U Datasheet HTML 9Page - Banner Engineering Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Method
Action
Result
Push Button6
Single-click both buttons simultaneously.
Pointer icon: moves to the other channel
indicator.
Remote Input7
Triple-pulse the remote line.
NOTE: Triple-pulse will
change the display, but will
not save. To save Channel
Select, make an adjustment
to that channel as a TEACH,
SET, or Sensor Setup.
T
T
T
T
T
Two-Point Static TEACH (Threshold)
•
Establishes a single switching threshold
•
Threshold position is adjustable using “+” and “-” buttons (see
Manual Adjust on page 10)
Static TEACH is the traditional setup method, used when two
conditions can be presented by the user. The sensor locates a single
sensing threshold (the switchpoint) midway between the two taught
conditions, with the Output ON condition on one side, and the Output
OFF condition on the other.
The first condition taught is the ON condition. The Output ON and OFF
conditions can be reversed by changing Light/Dark Operate status in
Setup mode (see Sensor Setup on page 10 ).
Static TEACH and Manual Adjust
Using Manual Adjust with Static TEACH moves the switching threshold.
Sensor positions
threshold midway
between taught conditions
Darkest
(no signal)
Most Light
(saturated
signal)
Output OFF
Output ON
2nd Taught
Condition
1st Taught
Condition
Position
adjusted by
Manual Adjust
Figure 2. Static TEACH (Light Operate shown)
Contrast Values
500+
Excellent: Very stable operation.
100-500
Good: Minor sensing variables will not affect sensing reliability.
32-99
Low: Minor sensing variables may affect sensing reliability.
0-31
Marginal: Consider an alternate sensing scheme.
Figure 3. Contrast Values
1. Access the Static TEACH Mode.
Method
Action
Result
Push Button8
Press and hold the Static (-) button > 2 seconds.
•
Display flashes “1St”
•
Arrow icon turns red
Remote Input9
No action is required; the sensor is automatically ready for the 1st TEACH
condition.
2. TEACH the Output ON condition.
Method
Action
Result
Push Button
a. Present the Output ON condition.
b. Click the Static button.
Display flashes “2nd”
Remote Input
a. Present the Output ON condition.
b. Single-pulse the remote line.
T
6 0.04 seconds ≤ "Click" ≤ 0.8 seconds
7 0.04 sec. ≤ T ≤ 0.8 seconds
8 0.04 seconds ≤ "Click" ≤ 0.8 seconds
9 0.04 seconds ≤ T ≤ 0.8 seconds
D10 Expert™– Dual Discrete Outputs
4
www.bannerengineering.com - Tel: +1-763-544-3164
P/N 64154 Rev. G



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com