Electronic Components Datasheet Search
  English  ▼

X  

MIAD9D Datasheet(PDF) 4 Page - Banner Engineering Corp.

Part # MIAD9D
Description  MINI-BEAM짰 MIAD9 NAMUR Series Sensor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

MIAD9D Datasheet(HTML) 4 Page - Banner Engineering Corp.

  MIAD9D Datasheet HTML 1Page - Banner Engineering Corp. MIAD9D Datasheet HTML 2Page - Banner Engineering Corp. MIAD9D Datasheet HTML 3Page - Banner Engineering Corp. MIAD9D Datasheet HTML 4Page - Banner Engineering Corp. MIAD9D Datasheet HTML 5Page - Banner Engineering Corp. MIAD9D Datasheet HTML 6Page - Banner Engineering Corp. MIAD9D Datasheet HTML 7Page - Banner Engineering Corp. MIAD9D Datasheet HTML 8Page - Banner Engineering Corp. MIAD9D Datasheet HTML 9Page - Banner Engineering Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Approvals
MIAD9(a)(b), MI9E(b)
a = Sensing mode D, W, F, LV, LVAG, CV, CV2 or R.
b = Connection method Q or blank.
ATEX (European)
II 1 G Ex ia IIC T5 Ta = -40°C to 70°C - 39616; Entity
Entity Parameters: U i = 15 V dc, I i = 60 mA, P i = 225 mW, C i = 0.3 μF, Li = 0 mH.
Canadian
IS / I,II,III / 1 / ABCDEFG / T5 Ta = -40°C to 70°C - 39616; Entity
I / 0 / Ex ia / IIC / T5 Ta = -40°C to 70°C - 39616; Entity
(Non-incendive) NI / I / 2 / ABCD / T5 Ta = -40°C to 70°C
Entity Parameters: V Max = 15 V dc, I Max = 60 mA, P i = 225 mW, C i = 0.3 μF, L i = 0 mH
United States
IS / I,II,III / 1 / ABCDEFG / T5 Ta = 70°C - 39616; Entity
I / 0 / AEx ia / IIC / T5 Ta = -40°C to 70°C - 39616; Entity
(Non-incendive) NI / I / 2 / ABCD / T5 Ta = -40°C to 70°C
S / II,III / 2 / FG* / T5 Ta = -40°C to 70°C
*Class II and III, Division 2 applies only to model numbers ending in a Q suffix.
Entity Parameters: V Max = 15 V dc, I Max = 60 mA, P i = 225 mW, C i = 0.3 μF, L i = 0 mH
IECEx
Ex ia IIC T5 Ta= -40 °C to +70 °C - 35331; Entity
Entity Parameters: U i = 15 V dc, I i = 60 mA, C i = 0.3 μF, Li = 0 mH.
130848D
Performance Curves
Model
Excess Gain
Beam Pattern
Diffuse mode performance based on 90% reflectance white test card
MI9E Emitter
1
10
100
0.10 m
(0.33')
1.0 m
(3.3')
10 m
(33')
0.01 m
(0.033')
E
X
C
E
S
S
G
A
I
N
DISTANCE
1000
MI9E & MIAD9R
Opposed Mode
MIAD9R Receiver
MINI-BEAM® MIAD9 NAMUR Series Sensor
4
www.bannerengineering.com - Tel: +1-763-544-3164
P/N 39616 Rev. L



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com